Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 41Page - STMicroelectronics AN557 Datasheet HTML 42Page - STMicroelectronics AN557 Datasheet HTML 43Page - STMicroelectronics AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics AN557 Datasheet HTML 47Page - STMicroelectronics AN557 Datasheet HTML 48Page - STMicroelectronics AN557 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
45/52
AN557 APPLICATION NOTE
Infact we have:
therefore:
The inductor can be calculated using the usual for-
mula, that is:
with
∆IL = 10% Iomax, L = 30µH
When one operates with input voltage below of 5V,
it’ very difficult to obtain a good efficiency. In our
case having the conduction losses and switching
losses of the internal power transistor fixed by both
external operating electrical condition and the
electrical characteristics of the itself power transis-
tor, since integrate, it’s necessary to optimize the
losses of the catch diode, using new type at lower
forward voltage drop, as soon as available on the
market or by appropriately over-dimensioning. In
some case a Power MOS used as a synchro-nou-
os switch can contribute to elevate the overall effi-
ciency of the system.
Following are citated the principle results obtained
by using our evaluation board: The same solution,
obviously can be applied also to the other types of
the family, adjusting if needed the compensation
network and the coil.
Figure 62. Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
Figure 63. Load Transient Response
Figure 64. Load Transient Response
Output voltage ripple vs inductor value.
Co = 1000µF/10V - EKR; ESR = 10mΩ
V
o
V
i
T
on
T
---------
=
T
on
V
o
V
i
------ T
=
L
V
i
V
o
–
() V
o
⋅
V
i
I
L
∆
fsw
⋅⋅
----------------------------------
=
0
5
10
15
20
25
30
35
Vi(V)
60
65
70
75
80
85
(%)
Io=5A
Io=7A
Io=10A
Vo=3.3V
fsw=100KHz
D93IN002
η
Vi (V)
Io = 10A
η% Io = 7A η% Io = 4A η%
12
70.9
76.2
82
15
72.1
76.7
82
20
72.9
77.3
81.2
25
72.9
77.2
80.6
30
71.9
76.4
79.6
35
68.3
75.9
78.5
L
L = 30
µHL = 50µHL = 60µH L = 100µH
∆VOmax
80mV
60mV
40mV
25mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com