Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 7Page - STMicroelectronics AN557 Datasheet HTML 8Page - STMicroelectronics AN557 Datasheet HTML 9Page - STMicroelectronics AN557 Datasheet HTML 10Page - STMicroelectronics AN557 Datasheet HTML 11Page - STMicroelectronics AN557 Datasheet HTML 12Page - STMicroelectronics AN557 Datasheet HTML 13Page - STMicroelectronics AN557 Datasheet HTML 14Page - STMicroelectronics AN557 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11/52
AN557 APPLICATION NOTE
1) Oscillator charge current:
(For 15V < Vi < 45V)
2) Oscillator discharge current:
IDISCH = 20mA
3) Peak voltage ramp:
This formula is obtained in the following way: indicating with Ve the voltage of the emitter of the NPN tran-
sistor connected to Vcc, and V- the voltage at the inverted input of the comparator, one has:
(a)
(b)
by substituting (a) into (b), one obtains:
4) Valley voltage ramp:
Vth-L = 2Vbe
5) Switching frequency:
It should be noted that formula (5) does not take into account the discharge time of Cosc which cannot be
neglected when one is working at frequencies equal or higher than 200KHz. The discharge time is also
tied to the value of Cosc itself.
Analitycally one has:
6)
from which is obtained the more closely approximate expression of the oscillator frequency:
7)
During the discharge time of Cosc, a clock pulse is generated internally that is made subsequently avail-
able on the Sync. pin and that can be used to synchronize other regulators. (3 devices of the same family
maximum). The Sync. pulse generated has a typical range of 4.5V and the current availability is 4.5mA.
In general, it is better that the Sync pulse is at least 300-400ns in order to be able to synchronize a range
of existing regulators; to obtain this result, values of suggested capacitors, in different test circuits, have
I
CHARGE
V
i
9V
be
–
R
os c
-------------------------
=
V
th
H
–
V
i
9V
be
–
Ro sc
-------------------------
2V
be
+
=
V
e
V
i
3
-----
V
be
–
=
V
V
e
2V
be
–
3R
-------------------------- R
⋅

 2V
be
+
=
–
V
V
i
3
-----
V
be
–

 2V
be
–
3
----------------------------------------------
2V
be
+
=
–
V
i
9V
be
–
9
-------------------------
2V
be
+
=
f
SW
9
R
os c Cosc
--------------------------
=
T
DISCH
V
th
H
–
V
th
L
–
–
20 m A
--------------------------------------- C
os c
⋅
=
f
SW
1
R
osc
C
osc
⋅
9
------------------------------
T
DISCH
+
---------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com