Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 11/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
7
. Pin Description
Num
Name
Type
Condition
Function Description
1
SDA
IO
Data pin for serial interface,normally it connects a
2.2K resistor to 3.3V I/O power
2
SCK
I
the Clock pin for serial interface,normally it connects
a 2.2K resistor to 3.3V I/O power
3
GPIO3
IO
REG9EH[7]
GPIO 3
4
N_OE
I
Power output on/off switch
GND:on; IPSOUT:off
5
GPIO2
IO
REG92H[2:0]
GPIO 2
6
N_VBUSEN
I
VBUS to IPSOUT Selection
GND:IPSOUT select VBUS
High:IPSOUT do not select VBUS
7
VIN2
PI
DCDC2 input source
8
LX2
IO
Inductor Pin for DCDC2
9
PGND2
G
NMOS Ground for DCDC2
10
DCDC2
I
DC-DC2 feedback pin
11
LDO4
O
Output Pin of LDO4
12
LDO2
O
Output Pin of LDO2
13
LDO24IN
PI
Input to LDO2 and LDO4
14
VIN3
PI
DCDC3 input source
15
LX3
IO
Inductor Pin for DCDC3
16
PGND3
G
NMOS GND for DCDC3
17
DCDC3
I
Feed back to DCDC3
GPIO 1
18
GPIO1
IO
REG93H[2:0]
ADC Input
GPIO 0
Low noise LDO/Switch
19
GPIO0
IO
REG90H[2:0]
ADC Input
20
EXTEN
O
External Power Enable
21
APS
PI
Internal Power Input
22
AGND
G
Analog Ground
23
BIAS
IO
External 200Kohm 1% resistor
24
VREF
O
Internal reference voltage
25
PWROK
O
Power Good Indication Output
26
VINT
PO
Internal logic power, 2.5V
27
PWREN
IO
It is the Power domain enable signal
28
LDO1
O
LDO1 output,for Host RTC block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com