Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 19/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
supply.
N_VBUSEN
REG30H[7]
Input Power
Description
Low
0
VBUS
Select if VBUS is valid and no ACIN is
available
Low
1
VBUS
High
1
VBUS
select if VBUS is valid
High
0
ACIN/BAT
Not select VBUS
Low-Power Warning and Low-Power Protection (Automatic Poweroff)
With AXP202, the value of VWARNING(low-power warning voltage) and VOFF(automatic shutdown voltage)
can be set. If the system power is found to be lower than VWARNING, IRQ19/IRQ20 will be released. If
APS is lower than VOFF, AXP202 will automatically enter Shutdown Mode, and disable all other outputs
except LDO1.
There are two-levels in VWARNING, namely, LEVEL 1 and LEVEL 2, which can be defined differently in
applications. For example, use LEVEL1 to indicate insufficient power while LEVEL 2 can be used to
indicate the oncoming shutdown.
The default values of VWARNING and VOFF can be respectively set in registers REG3AH、REG3BH and
REG31H[2:0].
Over-Voltage Protection
If the external power voltage exceeds 6.3V, AXP202 will release IRQ1/4 for indication. If the external
power voltage exceeds 7V, AXP202 will automatically shutdown the system.
9.3 Adaptive PWM Charger
AXP202 integrates a constant current/voltage PWM charger to automatically control the charge cycle,
with a built-in safety clock capable of automatic charge termination without processor intervention. This
charger features automatic charge current scaling in accordance with the system power consumption,
as well as battery detection, trickle charge and activation. In addition, the built-in temperature detection
circuit can automatically decrease the charge current when the temperature is too high or too low.
Compared with traditional linear charge, this PWM charger features dramatic efficiency increase and
power consumption decrease in systems that require large power consumption and fast battery
charging, and thus greatly improve the system temperature performance.
Adaptive Charge Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com