Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 34/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 25H:DC-DC2/LDO3 Dynamic Voltage Scaling Parameter Setting
Default Value:00H
Bit
Description
R/W
Default
Value
7-4
Reserved and unchangeable
3
LDO3 VRC ENABLING CONTROL
0: enable; 1: disable
RW
0
2
DC-DC2 VRC enabling control
0: enable; 1: disable
RW
0
1
LDO3 VRC voltage rising slope
control
0: 25mV/15.625us=1.6mV/us
1: 25mV/31.250us=0.8mV/us
RW
1
0
DC-DC2 VRC voltage rising slope
control
0: 25mV/15.625us=1.6mV/us
1: 25mV/31.250us=0.8mV/us
RW
0
REG 27H:DC-DC3 Output Voltage Setting
Default Value: XXH
Bit
Description
R/W
Default
Value
7
Reserved and unchangeable
6-0
DC-DC3 output voltage setting
0.7-3.5V, 25mV/step
Vout=[0.7+(Bit6-0)*0.025]V
RW
X
REG 28H:LDO2/4 Output Voltage Setting
Default Value: XXH
Bit
Description
R/W
Default
Value
7-4
LDO2 output voltage setting
1.8-3.3V, 100mV/step
Vout=[1.8+(Bit7-4)*0.1]V
RW
X
3-0
LDO4 output voltage setting
1.25 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.5
2.7 2.8 3.0 3.1 3.2 3.3
RW
X
REG 29H:LDO3 Output Voltage Setting
Default Value: XXH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com