Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 28/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
Standard 100KHz or 400KHz frequency is supported, and the highest rate can reach 1.2KHz. In
addition, multi read and write operation is supported, and the device addresses are 69H (READ) and
68H (WRITE).
When certain events occur, AXP202 will inform Host by pulling down the IRQ interrupt mechanism, and
the interrupt state will be reserved in interrupt state registers (See registers REG48H, REG49H,
REG4AH, REG4BH and REG4CH). The interrupt can be cleared by writing 1 to corresponding state
register bit. When there is no interrupt, IRQ output will be pulled high (51K resistance higher through
the external). Each interrupt can be masked via interrupt control registers (Refer to registers REG40H,
REG41H, REG42H, REG43H, and REG44H).
REG
IRQ
Description
REG
IRQ
Description
REG48H[7]
IRQ1
ACIN Over voltage
REG 4AH[3]
IRQ20
DCDC3 voltage too
long
REG 48H[6]
IRQ2
ACIN plug in
REG 4AH[2]
Reserved
REG 48H[5]
IRQ3
ACIN removal
REG 4AH[1]
IRQ22
PEKshort-press
REG 48H[4]
IRQ4
VBUS Over voltage
REG 4AH[0]
IRQ23
PEK long-press
REG 48H[3]
IRQ5
VBUS plug in
REG 4BH[7]
IRQ24
N_OE Power on
REG 48H[2]
IRQ6
VBUS removal
REG 4BH[6]
IRQ25
N_OEPower off
REG 48H[1]
IRQ7
VBUS voltage lower
than VHOLD
REG 4BH[5]
IRQ26
VBUS Valid
REG 48H[0]
Reseverd
REG 4BH[4]
IRQ27
VBUS Invalid
REG 49H[7]
IRQ8
Battery plugin
REG 4BH[3]
IRQ28
VBUS Session Valid
REG 49H[6]
IRQ9
Battery Removal
REG 4BH[2]
IRQ29
VBUS Session End
REG 49H[5]
IRQ10
Enter battery
activate mode
REG 4BH[1]
IRQ30
Low power LEVEL1
REG 49H[4]
IRQ11
Exit battery activate
mode
REG 4BH[0]
IRQ31
Low power LEVEL2
REG 49H[3]
IRQ12
charging
REG 4CH[7]
IRQ32
Timer interrupt
REG 49H[2]
IRQ13
Charge Done
REG 4CH[6]
IRQ33
PEK rising edge
REG 49H[1]
IRQ14
Battery temp toor
high
REG 4CH[5]
IRQ34
PEK falling edge
REG 49H[0]
IRQ15
Battery temp too low
REG 4CH[4]
Reserved
REG 4AH[7]
IRQ16
Die Temp too high
REG 4CH[3]
IRQ35
GPIO3 input edge
trigger
REG 4AH[6]
IRQ17
Charge current
insufficient
REG 4CH[2]
IRQ36
GPIO2 input edge
trigger
REG 4AH[5]
IRQ18
DCDC1voltage too
long
REG 4CH[1]
IRQ37
GPIO1 input edge
trigger
REG 4AH[4]
IRQ19
DCDC2 voltage too
long
REG 4CH[0]
IRQ38
GPIO0 input edge
trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com