Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 41/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
input
1-0
TS pin current output method
setting
00: disable
01: current output when charging
10: input when the ADC is sampling,
reducing the power consumption
11: always enable
RW
1
REG 85H: ADC Input Range
Default Value: X0H
Bit
Description
R/W
Default
Value
7-2
Reserved and unchangeable
1
GPIO1 ADC Input Range
RW
0
0
GPIO0 ADC Input Range
0:0-2.0475V
1:0.7-2.7475V
RW
0
REG 86H: GPIO1 ADC IRQ Rising Edge Threshold Setting
Default Value: FFH
Bit
Description
R/W
Default
Value
7-0
One LSB is 8mV
RW
FF
REG 87H: GPIO1 ADC IRQ Falling Edge Threshold Setting
Default Value: 00H
Bit
Description
R/W
Default
Value
7-0
One LSB is 8mV
RW
00
REG 8AH: Timer Control
Default Value: 00H
Bit
Description
R/W
Default
Value
7
The timer is timeout
Write “1” to clear the status.
RW
0
6-0
Set the time,unit: minute
Write full 0 to shutdown the timer.
RW
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com