Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 12/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
29
DC3SET
IO
It set the DCDC3 default voltage
30
BACKUP
IO
Backup battery pin
31
VBUS
PI
USB VBUS input
32,33 ACIN
PI
Adapter input
34,35 IPSOUT
IO
Main Battery
36
CHGLED
O
Charger status indication
37
TS
I
Battery Temperature sensor input or external ADC
input
38,39 BAT
PO
System power source
40
LDO3IN
O
LDO3 input source
41
LDO3
I
Output Pin of LDO3
42
BATSENSE
I
PWM Charger Current sense port1
43
CHSENSE
O
PWM Charger Current sense port2
44
VIN1
PI
PWM Charger input source
45
LX1
IO
Inductor Pin for PWM Charger
46
PGND1
G
NMOS Ground for PWM Charger
47
PWRON
I
Power On-Off key input
48
IRQ
IO
IRQ output
49
EP
G
Exposed Pad, need to connect to system ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com