Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 36/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 32H: Shutdown Setting, Battery Detection and CHGLED Pin Control
Default Value: 46H
Bit
Description
R/W
Default
Value
7
Shutdown Control
Writing “1” to this bit will disable the AXP202 output.
RW
0
6
Battery monitoring function setting bit: 0: disable; 1: enable
RW
1
5-4
CHGLED pin function setting
00: high resistance
01: 25% 1Hz flicker
10: 25% 4Hz flicker
11: low level output
RW
00
3
CHGLED pin control setting
0: controlled by charging
1: controlled by register REG 32H[5:4]
RW
0
2
Output disable timing control
0: disable at the same time
1: contrary to the startup timing
RW
0
1-0
the delayed shutdown time of
AXP202 after N_OE changes from
low to high
00: 128mS; 01: 1S;
10: 2S;
11: 3S
RW
10
REG 33H: Charging control 1
Default Value: CXH
Bit
Description
R/W
Default
Value
7
Charging enable control bit
0: disable, 1:enable
RW
1
6-5
Charging target-voltage setting
00:4.1V; 01:4.15V; 10:4.2V; 11:4.36V
RW
10
4
Charging end-current setting
0: end when the charge current is lower than 10% of the set value
1: end when the charge current is lower than 15% of the set value
RW
0
3-0
Charge current setting
Icharge= [300+(Bit3-0)*100] mA
RW
X
REG 34H: Charge Control 2
Default Value: 45H
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com