Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 25/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
All DC-DCs and LDOs support load monitoring and current-limit functions. When the load current
exceeds its drive ability, all output voltage will decrease to protect the internal circuits. When the two
DC-DCs output voltage is lower than 85% of the set voltage, AXP202 will automatically shutdown. At
the same time, the system will record the detailed output voltage that has lead to automatic shutdown
(refer to register REG46H[5:2]) and release corresponding IRQ.
All DC-DCs do not require external Schottky diodes and resister divider feedback circuits. If a certain
DC-DC is unnecessary in application, just float the corresponding LX pins.
9.6 Default Voltage/Timing Setting
The default voltage and boot timing of each power can be set by AXP202.
Boot Timing includes eight levels, and the interval between each level can be set as 1、4、16 and
32mS.
Default voltage setting: each DC-DC/LDO setting ranges from the lowest voltage to the highest
voltage.
DC3SET PIN is used to set the prelimirary voltage of DC-DC3:
DC3SET
DC3SETGND
DC3SETto OAPS
DC3SET floating
DC-DC3 voltage
1.8V
3.3V/2.5V
1.2V/1.5V
9.7 Signal Capture
Ordinary battery monitor estimate the battery energy by measuring the battery voltage. However, the
multiple 12-bit ADCs in AXP202 can measure battery voltage, as well as battery current and external
power voltage and current. It also integrates battery charge and discharge coulomb counter. According
to these data, Host is capable of calculating accurately the battery energy and other battery data, such
as the system real-time consumption, remaining battery energy, battery charge progress, remaining
battery using time and charge time, etc.
The Enable state controlling and sampling rate of each ADC can be set via registers REG82H、83H、
84H. The sampling results will be saved in corresponding registers,and reference can be made to the
ADC data in Register Instruction section. The input range of GPIO[1:0] can be set via register REG85H
while register REG00H[2] is used to indicate the battery charge/discharge current directions.
Channel
000H
STEP
FFFH
Battery Voltage
0mV
1.1mV
4.5045V
Bat discharge current
0mA
0.5mA
4.095A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com