Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 22/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
Resistance
Not charging
Low Level
Over-Voltage
4Hz Flicker
External voltage input is too high, or the battery
temperature is too high/low.
Battery Temperature Detection
AXP202 can connect a temperature-sensitive resistor via the TS pin to monitor the battery
temperature when the battery is charging or discharging. The diagram is shown below.
NTC
TS
BAT
C2
10uF
GND
In the diagram above, VTH/VTL refer to the high temperature threshold and low temperature threshold,
which is programmable via registers REG38H/39H/3CH/3DH respectively. VTE=0.2V. The
temperature-sensitive resistor is suggested to choose the NTC temperature-sensitive resistor, which is
10Kohm and 1% accuracy at 25℃. AXP202 will send constant current via TS pin, and the current can
be set as 20uA、40uA、60uA、and 80uA (See registerREG84H) to adapt to different NTC resistors.
When the current goes through the temperature-sensitive resistor, a test voltage is generated, which
will be measured by ADC, and compared with regulated value to release corresponding IRQ or
suspend the charge.
If the resistance value of temperature-sensitive resistor is too high or too low, extra resistors can be
serial or parallel connected to expand the detect extent.
If the battery is free from temperature-sensitive resistor, TS pin can be linked to the ground, and in that
case, AXP202 will automatically disable the battery temperature monitoring function.
Battery Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com