Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 47/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
Bit
Description
R/W
Default
Value
7
Timer timeout, IRQ enable
RW
0
6
PEK press rising edge, IRQ enable
RW
0
5
PEK press falling edge, IRQ enable
RW
0
4
Reserved and unchangeable
RW
0
3
GPIO3 input edge trigger, IRQ enable
RW
0
2
GPIO2input edge trigger, IRQ enable
RW
0
1
GPIO1input edge trigger or ADC input, IRQ enable
RW
0
0
GPIO0 input edge trigger, IRQ enable
RW
0
IRQ status 5,REG4CH:Default Value: 00H
Bit
Description
R/W
Default
Value
7-0
Meaning of the Status bit respectively corresponds to each bit of 44H
RW
0
Note: Writing 1 to all IRQ status register bits will clear corresponding status.
REG B8H: Coulomb Counter Control
Default Value: 00H
Bit
Description
R/W
Default
Value
7
coulomb counter enable/disable control
RW
0
6
Coulomb counter suspend control. Writing “1” to this bit will suspend the
Coulomb counter, and this bit will be automatically cleared to 0 as well.
RW
0
5
Coulomb counter clear control. Writing “1” to this bit will clear the coulomb
counter, and this bit will automatically be cleared to 0.
RW
0
4-2
Reserved and unchangeable
RW
0
1-0
Decrypt the start bit. Automatically clear to 0 after the decryption.
RW
0
0
Whether the decryption has finished or not
0:not finished
1:finished
RW
0
REG B9H: FuelGuage Result
Default Value: 7FH
Bit
Description
R/W
Default
Value
7
FuelGuage system control
0:normal work mode
1:work suspension
RW
0
6-0
FuelGuage result, percentage
R
7F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com