Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 35/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
Bit
Description
R/W
Default
Value
7
LDO3 Mode select:
0:LDO mode,voltage can be set by [6:0]
1:enable/disable control mode,and voltage is determined by LDO3IN.
RW
0
6-0
LDO3
output
voltage
setting
Bit6-Bit0
0.7-2.275V,25mV/step
Vout=[0.7+(Bit6-0)*0.025]V
RW
X
REG 30H:VBUS-IPSOUT Power Path Management
Default Value: 6XH
Bit
Description
R/W
Default
Value
7
the VBUS-IPSOUT path select control signal when VBUS is usable
0: whether to enable the path is decided by N_VBUSEN pin
1:VBUS-IPSOUT can be enabled,regardless of the N_VBUSEN status
RW
0
6
VBUS VHOLD voltage-limit control
0: not limit the voltage; 1: limit the voltage
RW
1
5-3
VHOLD setting
VHOLD= [4.0+(Bit5-3)*0.1]V
RW
100
2
Reserved and unchangeable
1-0
VBUS current-limit selection when current-limit is enabled
00:900mA ; 01:500mA; 10:100mA; 11:not limit
RW
0
REG 31H:VOFF Power off Voltage Setting
Default Value: X3H
Bit
Description
R/W
Default
Value
7-4
Reserved and unchangeable
3
PEK or GPIO edge wakeup function enable setting in Sleep mode
0:disable
1:enable
This bit will be automatically cleared to 0 after writing,so “1 ”should be
rewritten whenever enters the Sleep mode.
2-0
VOFF setting
VOFF=[2.6+(Bit2-0)*0.1]V
Default: 2.9V
RW
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com