Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 29/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
10. Registers
Group 1: Power Control
Address
Register Description
R/W
Default
Value
00
Power status register
R
01
Power mode/ charge state register
R
02
OTG VBUS state register
R
04-0F
Data buffer register
R/W
00H
12
DC-DC2/3 & LDO2/3/4&EXTEN control register
R/W
XXH
23
DC-DC2 voltage setting register
R/W
XXH
25
DC-DC2/LDO3 voltage ramp parameter setting
register
R/W
00H
27
DC-DC3 voltage setting register
R/W
XXH
28
LDO2/3 voltage setting register
R/W
XXH
30
VBUS-IPSOUT channel setting register
R/W
60H
31
VOFF shutdown voltage setting register
R/W
X3H
32
Shutdown, battery detection, CHGLED control
register
R/W
46H
33
Charge control register1
R/W
CXH
34
Charge control register2
R/W
41H
35
Backup battery charge control register
R/W
22H
36
PEK parameter control register
R/W
5DH
37
DCDC converter work frequency setting register
R/W
08H
38
Battery charge under-temperature warning setting
register
R/W
A5H
39
Battery charge over-temperature warning setting
register
R/W
1FH
3A
APS low-power Level1 setting register
R/W
68H
3B
APS low-power Level2 setting register
R/W
5FH
3C
Battery discharge under-temperature warning setting
register
R/W
FCH
3D
Battery discharge over-temperature warning setting
register
R/W
16H
80
DCDC work mode setting register
R/W
E0H
82
ADC enable setting register1
R/W
83H
83
ADC enable setting register2
R/W
80H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com