Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 14/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
9
. Control and Operation
Once AXP202 is powered on, SCK/SDA pin of TWSI will be pulled up to IO Power and then Host can
adjust and monitor AXP202.
Remarks: “Host” here refers to system processor.
Remarks: “External Power” below includes ACIN and VBUS input.
9.1 Power On/Off & Reset
Power Enable Key (PEK)
The Power Enable/ Sleep/Wakeup Key can be connected between PWRON pin and GND of AXP202.
AXP202 can automatically identify the “Long-press” and “Short-press” and then correspond
respectively.
Power on Source
1. ACIN、VBUS and battery
2. N_OE changes from high to low
3. PEK
Power On
System power-on is initiated whenever the following conditions occur:
1. N_OE is low and a valid power source has plugged in (ACIN or VBUS>3.8V, and battery voltage is
higher than power off voltage), AXP202 will be turned on. ( Developer can decide whether AXP202
shall be turned on when there is a valid power source plugging in)
2. N_OE is low and the system is powered off, press PEK can power on AXP202 (In application, Host
Alarm output signal can be connected to PWRON and parallel with PEK. Whenever there is a valid
Alarm signal ((Low Level)), AXP202 can be powered on).
3. When there is a external power source or battery, when N_OE changes from high to low, AXP202
will be turned on.
After power on, DC-DC and LDO will be soft booted in preset timing sequence, and then either Host or
PWREN pin can enable/disable corresponding power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com