Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 30/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
84
ADC sample rate setting,TS pin control register
R/W
32H
85
GPIO [1:0] input range setting register
R/W
X0H
86
GPIO1 ADC IRQ rising edge threshold setting
R/W
FFH
87
GPIO1 ADC IRQ falling edge threshold setting
R/W
00H
8A
Timer control register
R/W
00H
8B
VBUS monitoring setting register
R/W
00H
8F
Over-temperature shutdown control register
R/W
01H
Group 2 GPIO control
Address
Register Description
R/W
Default
Value
90
GPIO0 control register
R/W
07H
91
LDO5 output voltage setting register
R/W
A0H
92
GPIO1 control register
R/W
07H
93
GPIO2 control register
R/W
07H
94
GPIO[2:0] signal status register
R/W
00H
95
GPIO3 control register
R/W
00H
Group3 Interrupt control
Address
Register Description
R/W
Default
Value
40
IRQ enable control register1
R/W
D8H
41
IRQ enable control register2
R/W
FFH
42
IRQ enable control register3
R/W
3BH
43
IRQ enable control register4
R/W
C1H
44
IRQ enable control register5
R/W
00H
48
IRQ status register1
R/W
00H
49
IRQ status register2
R/W
00H
4A
IRQ status register3
R/W
00H
4B
IRQ status register4
R/W
00H
4C
IRQ status register5
R/W
00H
Group4 ADC data
Address
Register Description
R/W
56[7:0]
ACIN voltage ADC data high 8 bits
R
57[3:0]
ACIN voltage ADC data low 4 bits
R
58[7:0]
ACIN current ADC data high 8 bits
R
59[3:0]
ACIN current ADC data low 4 bits
R
5A[7:0]
VBUS voltage ADC data high 8 bits
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com