Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 40/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 82H: ADC Enable 1
Default Value: 83H
Bit
Description
R/W
Default
Value
7
Battery voltage ADC enable
RW
1
6
Battery current ADC enable
RW
0
5
ACIN voltage ADC enable
RW
0
4
ACIN current ADC enable
RW
0
3
VBUS voltage ADC enable
RW
0
2
VBUS current ADC enable
RW
0
1
APS voltage ADC enable
RW
1
0
TS pin ADC function enable
0: disable, 1: enable
RW
1
REG 83H: ADC Enable 2
Default Value: 80H
Bit
Description
R/W
Default
Value
7
AXP202
internal
temperature
monitoring ADC enable
0: disable, 1: enable
RW
1
6-4
Reserved and unchangeable
3
GPIO0 ADC function enable
RW
0
2
GPIO1 ADC function enable
RW
0
1-0
Reserved and unchangeable
0: disable, 1: enable
REG 84H: ADC Sample Rate Setting and TS Pin Control
Default Value: 32H
Bit
Description
R/W
Default
Value
7-6
ADC sample rate setting
25×2n
The sample rate is 25, 50, 100,
200Hz respectively.
RW
0
5-4
TS pin output current setting:
00:20uA; 01:40uA; 10:60uA; 11:80uA
RW
11
3
Reserved and unchangeable
2
TS pin function selection
0: battery temperature monitoring function,1: external independent ADC
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com