Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 20/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
The default state of the charger is “Enable”. (It can be programmed via registers. Refer to register
REG33H.) When external power is plugged in, AXP202 will firstly judge whether it is chargeable. If the
charger is suitable for the power, and the charge function is usable, AXP202 will automatically start the
charge, and send IRQ to Host for indication. At the same time, GHGLED pin will output low level to
drive external LED to indicate the charging state.
Charge Voltage/Current
:
ITRKL
VTRKL
ICHRG
VTRGT
Two Symbolic Voltages
VTRGT=charge target voltage. The VTRGT is 4.2V by default, which can be set by register (Refer
to“REG33H[6:5]”) . At the same time, AXP202 will automatically adjust the charge target voltage when
external power voltage is low.
VRCH=automatic recharge voltage. VRCH=VTRGT-0.1V。
Charge Current
The charge current is 500mAor 1200mA by default, which can be set by REG33H [3:0].
Charge Process
If the battery voltage is lower than 3.0V, the charger will automatically enter the pre-charge mode, with
charge current be 1/10 of the preset value. If the battery voltage is still below 3.0V 40 minutes later
(adjustable, see “REG34H”), charger will automatically enter the battery activate mode. Refer to
“Battery Activate Mode” section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com