Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 38/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 37H:DC-DC Working Frequency Setting
Default Value: 08H
Bit
Description
R/W
Default
Value
7-4
Reserved and unchangeable
3-0
DC-DC enable/disable frequency
setting
Each level changes by 5%,Default
Value1.5MHz
F=[1+/- (Bit3-0)*5%)]*1.5MHz
RW
1000
REG 38H: VLTF-charge Battery Charge Under-temperature Threshold Setting
Default Value: A5H
Bit
Description
R/W
Default
Value
7-0
Battery
Under-temperature
threshold setting when the
battery is charging, M
M*10H,when M=A5H, corresponding
voltage is 2.112V ; corresponding
voltage ranges from 0V~3.264V
RW
A5H
VLTF-charge = M *10H * 0.0008V
REG 39H: VHTF-charge Battery Charge Over-Temperature Threshold Setting
Default Value: 1FH
Bit
Description
R/W
Default
Value
7-0
The
battery
Over-temperature
threshold setting when the battery
is charging,N
N*10H , when
N=1FH , the
corresponding voltage is 0.397V;
corresponding voltage ranges from
0V~3.264V
RW
1FH
VHTF-charge = N *10H * 0.0008V
REG 3AH: System IPSOUT Vwarning Level1
Default Value: 68H
Bit
Description
R/W
Default
Value
7-0
System IPSOUT Vwarning Level1
RW
68H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com