Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 33/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 02H:USB OTG VBUS Status Indication
Bit
Descripiton
R/W
7-3
Reserved and unchangeable
2
Indicating whether VBUS is valid or not,1 means “valid”
R
1
Indicating whether VBUS Session A/B is valid,1 means “valid”
R
0
Indicating Session End status,1 means “valid”
R
REG 04-0FH: Data Cache
Note: As long as one of the external powers, batteries or backup batteries exists, this data will be
reserved and free from the startup and shutdown influence.
REG 12H: Power Output Control
Default Value:XXH
Bit
Descripiton
R/W
Default
Value
7
Reserved and unchangeable
RW
X
6
LDO3 enable and disable control
0: disable; 1: enable
RW
X
5
Reserved and unchangeable
RW
X
4
DC-DC2
enable
and
disable
control
RW
X
3
LDO4 enable and disable control
RW
X
2
LDO2 enable and disable control
RW
X
1
DC-DC3
enable
and
disable
control
RW
X
0
EXTEN enable and disable control
0: disable; 1: enable
RW
X
REG 23H:DC-DC2 Output Voltage Setting
Default Value: XXH
Bit
Descripiton
R/W
Default
Value
7-6
Reserved and unchangeable
5-0
DC-DC2 output voltage setting
[5:0]
0.7-2.275V,25mV/step
Vout=[0.7+(Bit5-0)*0.025]V
RW
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com