Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AXP202 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 2/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
1.Introduction
AXP202 is designed to be a highly-integrated power system management IC that is optimized for
applications requiring single-cell Li-battery (Li-Ion/Polymer) and multiple output DC-DC converters. It is
offering an easy-to-use and flexible complete solution which can fully meet the increasingly complexity
of accurate power control required by modern application processor system.
AXP202 comprises an adaptive USB-Compatible PWM charger, 2 BUCK DC-DC converters, 5 LDOs,
multiple 12-bit ADCs of Voltage, current and temperature as well as 4 configurable GPIOs. To
guarantee the safty and stability of power system, AXP202 has integrated various protection circuits
such as Over voltage Protection(OVP)/Under voltage Protection(UVP) 、 Over temperature
protection(OTP)、Over current protection(OCP).
With Intelligent Power Select, IPS™ circuits, AXP202 can distribute power safely and transparently
among external AC-adapter, Li-battery and loaded application system, and it can still work normally
when there is no battery (deeply discharged/infective battery) but only external input power source.
The AXP202 provides a small, simple solution for obtaining power from three different power sources,
single-cell Li-Ion battery, USB port, and AC-adapter, and it can support rechargable backup battery too.
To ensure compatibility with a wide range of system processors, AXP202 uses a sTwo Wire Serial
Interface (TWSI),through which application processor is capable of enabling/disabling power rails,
programming voltage, visiting internal registers as well as measurement data (including Fuel Gauge).
With the power monitoring results of high precision (1%, determined by the 1% BIAS resistance), end
users will be always posted with the real-time power consumption, which can bring them an
unprecedented experiences of power management.
AXP202 is available in a 6mm x 6mm 48-pin QFN package.
Product Application
Portable Handset:
Smartphone, PMP/MP4, Digital
Camera,
Digital
Camcorder,
PND, PDA, PTV
Mobile
Connected
Devices
such as xPad,MID
DPF, Portable DVD Player,
Ultra
Mobile
UMPC
and
UMPC-like,Entertainment and
Education Machine
Application Processor systems
Other battery and multi-power
systems
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com