Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 16/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
System Reset and Output Monitoring (PWROK)
The PWROK in AXP202 can be used as the reset signal of application system. During AXP202 startup,
PWROK outputs low level, which will then be pulled high to startup and reset the system after each
output voltage reaches the regulated value.
When application system works normally, AXP202 will be always monitoring the voltage and load
status. If overload or under-voltage occurs, the PWROK will instantly drive low to reset the system and
prevent data losses.
9.2 Power Path Management (IPS)
Power input of AXP202 may come from Li-battery, USB VBUS input, external power ACIN (such as
AC adapter). IPS can select proper power according to external power and Li-battery status.
o
If only Li-battery is available, and no external power input, Li-battery is used for power input;
o
If external power is available (VBUS or ACIN), it is preferred in power supply
Write “1” to REG31H[3] to
start the sleep,and PMU will
save
REG12H setting at that
time
Disable corresponding power
or modify the voltage
Sleep and wait to be Wakeup
Wakeup?
Restore the Power to the
default output voltage.
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com