Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 39/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 3BH: System IPSOUT Vwarning Level2
Default Value: 5FH
Bit
Description
R/W
Default
Value
7-0
System IPSOUT Vwarning Level2
RW
5FH
Corresponding voltage setting of REG3AH and REG3BH equals to (supposing the register value is n):
Vwarning = 2.8672 + 1.4mV * n * 4
REG 3CH: VLTF-discharge Battery Discharging Under-Temperature Threshold Setting
Default Value: FCH
Bit
Description
R/W
Default
Value
7-0
battery
Under-temperature
threshold setting when the battery
is discharging,M
M*10H, when M=FC, corresponding
voltage is 3.226V ; corresponding
voltage ranges from 0V~3.264V
RW
FCH
VLTF-discharge = M *10H * 0.0008V
REG 3DH: VHTF-discharge Battery Discharging Over-Temperature Threshold Setting
Default Value: 16H
Bit
Description
R/W
Default
Value
7-0
The
battery
Over-temperature
threshold setting when the battery
is discharging,N
N*10H,when N=16H,corresponding
voltage is 0.282V ; corresponding
voltage ranges from 0V~3.264V
RW
16H
VLTF-discharge = N *10H * 0.0008V
REG 80H:DC-DC Working Mode Selection
Default Value: E0H
Bit
Description
R/W
Default
Value
7-3
Reserved and unchangeable
2
DC-DC2 work mode control
RW
0
1
DC-DC3 work mode control
0:PFM/PWM automatic switching
1: fixed PWM
RW
0
0
Reserved and unchangeable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com