Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 18/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
In order not to affect the USB communication, VBUS is always working under Voltage-Limit mode by
default. In this mode, AXP202 ensures that VBUS voltage remains above a configurable reference
voltage VHOLD which can meet the USB specification. The default VHOLD is 4.4V, adjustable in
Reg30H [5:3] register.
If the system has limit on current obtained from USB VBUS, a current-limit mode is provided (See
REG30H[1] register), with 900mA/500mA/100mA (Reg30H [0]) selectable.
If the system just utilizes the USB for power supply rather than communication, or the USB power
adapter is utilized, AXP202 can be set to “VBUS Direct Mode” by modifying register REG30H[6], and
then AXP202 will give priority to the application power demand. When the drive ability of USB Host is
insufficient or system power consumption is large then the VBUS voltage is lower than VHOLD,
AXP202 will release IRQ to indicate the weak power supply ability of Host VBUS, which may affect
USB communication, and then Host software will follow up.
AXP202’s Reaction to External Power Supply Plugin
AXP202 can automatically detect the plugin of external powersand judge whether the power is usable
or not. The result will be set in corresponding registers, and IRQ will be released to inform the Host at
the same time.
The following table has listed the status bits and meanings of external power registers.
Register Status
Bits
Description
REG00H[7]
Indicating the presence of external ACIN
REG00H[6]
Indicating whether the external ACIN is usable or not
REG00H[5]
Indicating the presence of external VBUS
REG00H[4]
Indicating whether the external VBUS is usable or not
REG00H[3]
Indicating whether the VBUS voltage is above VHOLD when used
REG00H[1]
Indicating whether ACIN/VBUS short circuits on PCB or not
REG00H[0]
Indicating whether the system is triggered to startup by ACIN/VBUS
or not
The status bit of “indicating whether the VBUS voltage is above VHOLD or not when used” enables the
Host to judge when it receives IRQ7(indicating weak supply ability)whether VBUS is pulled low by
system load input or the external power itself is below VHOLD, which may facilitate Host software to
decide either to keep on working in Voltage-Limit mode or switch to Direct mode.
When to Select VBUS as Input Power
N_VBUSEN and register REG30H[7]: is used to determined when shall VBUS be used as power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com