Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 42/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 8BH: VBUS Pin Detection and SRP Function Control
Default Value: 00H
Bit
Description
R/W
Default
Value
7-6
Reserved and unchangeable
5-4
VBUS valid voltage setting
00:4.0V; 01:4.15V; 10:4.45V; 11:4.55V
RW
00
3
VBUS Valid detect function setting: 0: disable,1: enable
RW
0
2
VBUS Session detect function setting: 0: disable,1: enable
RW
0
1
Discharge VBUS discharge function setting
0: to disable the VBUS discharge resistance;1: to enable the VBUS
discharge resistance
RW
0
0
Charge VBUS charge function setting
0: disable the VBUS charge resistance;1: enable the VBUS charge
resistance and charge the VBUS
RW
0
REG 8FH: Function Setting, Over-temperature Shutdown, etc.
Default Value: 21H
Bit
Description
R/W
Default
Value
7-3
Reserved and unchangeable
RW
0
2
AXP202 internal over-temperature shutdown setting
0: not shutdown; 1: shutdown
RW
0
1-0
Reserved and unchangeable
REG 90H: GPIO0 function Setting
Default Value: 07H
Bit
Description
R/W
Default
Value
7
GPIO0 rising edge IRQ or Wakeup
function
RW
0
6
GPIO0 falling edge IRQ or Wakeup
function
0:disable
1:enable
RW
0
5-3
Reserved and unchangeable
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com