Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 46/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 42H and 4AH: IRQ enable3 and IRQ Status 3
IRQ enable3,REG42H:Default Value: 03H
Bit
Description
R/W
Default
Value
7
AXP202 internal over-temperature, IRQ enable
RW
0
6
Charge current is lower than the set current, IRQ enable
RW
0
5
Reserved and unchangeable
4
DC-DC2 output voltage is lower than the set value, IRQ enable
RW
0
3
DC-DC3output voltage is lower than the set value, IRQ enable
RW
0
2
LDO3output voltage is lower than the set value, IRQ enable
1
PEK short press, IRQ enable
RW
1
0
PEK long press, IRQ enable
RW
1
IRQ enable 3,REG4AH:Default Value: 00H
Bit
Description
R/W
Default
Value
7-0
Meaning of the Status bit respectively corresponds to each bit of 42H.
RW
0
REG 43H and 4BH: IRQ enable4 and IRQ Status 4
IRQenable4,REG43H:Default Value: 01H
Bit
Description
R/W
Default
Value
7
N_OE startup, IRQ enable
RW
0
6
N_OE shutdown, IRQ enable
RW
0
5
VBUS valid, IRQ enable
RW
0
4
VBUS invalid, IRQ enable
RW
0
3
VBUS Session A/B IRQ enable
RW
0
2
VBUS Session End IRQ enable
RW
0
1
APS low-voltage, IRQ enable(LEVEL1)
RW
0
0
APS low-voltage, IRQ enable(LEVEL2)
RW
1
IRQ status 4,REG4BH:Default Value: 00H
Bit
Description
R/W
Default
Value
7-0
Meaning of the Status bit respectively corresponds to each bit of 43H.
RW
0
REG 44H and 4C:IRQ Enable 5 and IRQ Status 5
IRQenable5,REG44H,Default Value: 00H;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com