Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 37/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
Value
7
Pre-charge timeout setting Bit1
RW
0
6
Pre-charge timeout setting Bit0
00: 40 min; 01: 50min;
10: 60min; 11: 70min
RW
1
5
Reserved
4
CHGLED mode selection
0: always bright when charging
1: flicker when charging
RW
0
3-2
Reserved and unchangeable
1-0
Constant-current mode timeout
setting Bit1-0
00: 6Hours; 01: 8Hours;
10: 10Hours; 11: 12Hours
RW
01
REG 35H: Backup Battery Charge Control
Default Value: 22H
Bit
Description
R/W
Default
Value
7
Backup battery charge enable control
0: disable;1: enable
RW
0
6-5
Backup battery charge target-voltage setting
00:3.1V;01:3.0V;10:3.6V;11:2.5V
RW
01
4-2
Reserved and unchangeable
1-0
Backup battery charge current
setting
00: 50uA;01: 100uA;10: 200uA; 11:
400uA
RW
10
REG 36H: PEK Key Parameters Setting
Default Value: 9DH
Bit
Description
R/W
Default
Value
7-6
Startup time setting
00: 128mS; 01: 3S; 10: 1S; 11:
2S.
RW
01
5-4
Long-press time setting
00: 1S; 01: 1.5S;10: 2S; 11: 2.5S.
RW
01
3
Automatic shutdown setting when the key press-time exceeds the
shutdown time
0: disable; 1: enable
RW
1
2
PWROK signal delay after the power startup
0:8mS; 1:64mS
RW
1
1-0
Shutdown time setting
00: 4S; 01: 6S; 10: 8S; 11: 10S.
RW
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com