Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 31/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
5B[3:0]
VBUS voltage ADC data low 4 bits
R
5C[7:0]
VBUS current ADC data high 8 bits
R
5D[3:0]
VBUS current ADC data low 4 bits
R
5E[7:0]
AXP202 internal temperature monitoring ADC data high 8 bits
R
5F[3:0]
AXP202 internal temperature monitoring ADC data low 4 bits
R
62[7:0]
TS input ADC data high 8 bits,default monitoring battery
temperature
R
63[3:0]
TS input ADC data low 4 bits,default monitoring battery
temperature
R
64[7:0]
GPIO0 voltage ADC data high 8 bits
R
65[3:0]
GPIO0 voltage ADC data low 4 bits
R
66[7:0]
GPIO1 voltage ADC data high 8 bits
R
67[3:0]
GPIO1 voltage ADC data low 4 bits
R
70[7:0]
Battery instantaneous power high 8 bits
R
71[7:0]
Battery instantaneous power middle 8 bits
R
72[7:0]
Battery instantaneous power low 8 bits
R
78[7:0]
Battery voltage high 8 bits
R
79[3:0]
Battery voltage low 4 bits
R
7A[7:0]
Battery charge current high 8 bits
R
7B[3:0]
Battery charge current low 4 bits
R
7C[7:0]
Battery discharge current high 8 bits
R
7D[4:0]
Battery discharge current low 5 bits
R
7E[7:0]
System IPSOUT voltage high 8 bits
R
7F[3:0]
System IPSOUT voltage low 4 bits
R
Note: the battery power formula:
Pbat =2* register value * Voltage LSB * Current LSB / 1000.
(Voltage LSB is 1.1mV; Current LSB is 0.5mA, and unit of calculation result is mW.)
Address
Register Description
R/W
Default
Value
B0
Battery charge coulomb counter data register[31:24]
R/W
00H
B1
Battery charge coulomb counter data register[23:16]
R/W
00H
B2
Battery charge coulomb counter data register[15:8]
R/W
00H
B3
Battery charge coulomb counter data register[7:0]
R/W
00H
B4
Battery discharge coulomb counter data
register[31:24]
R/W
00H
B5
Battery discharge coulomb counter data
register[23:16]
R/W
00H
B6
Battery discharge coulomb counter data
register[15:8]
R/W
00H
B7
Battery discharge coulomb counter data register[7:0]
R/W
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com