Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 45/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
REG 40H and 48H: IRQ enable1 and IRQ Status 1
IRQ enable1 and REG40H:Default Value: D8H
IRQ status 1,REG48H:Default Value: 00H
Bit
Description
R/W
Default
Value
7-0
The meaning of status bit respectively corresponds to each bit of 40H;
For example:Bit7 is ACIN over-voltage IRQ status bit
RW
0
REG 41H and 49H: IRQ enable2 and IRQ Status2
IRQ enable2,REG41H:Default Value: FFH
Bit
Description
R/W
Default
Value
7
Battery connected, IRQ enable
RW
1
6
Battery removed, IRQ enable
RW
1
5
Battery activate mode, IRQ enable
RW
1
4
Exit battery activate mode, IRQ enable
RW
1
3
Be charging, IRQ enable
RW
1
2
Charge finished, IRQ enable
RW
1
1
Battery over-temperature, IRQ enable
RW
1
0
Battery low-temperature, IRQ enable
RW
1
IRQ status 2,REG49H:Default Value: 00H
Bit
Description
R/W
Default
Value
7-0
Meaning of the Status bit respectively corresponds to each bit of 41H.
RW
0
Bit
Description
R/W
Default
Value
7
ACIN over-voltage, IRQ enable
RW
1
6
ACIN connected, IRQ enable
RW
1
5
ACIN removed, IRQ enable
RW
0
4
VBUS over-voltage, IRQ enable
RW
1
3
VBUS connected, IRQ enable
RW
1
2
VBUS removed, IRQ enable
RW
0
1
VBUS is available, but lower than VHOLD, IRQ enable
RW
0
0
Reserved and unchangeable
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com