Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 21/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
Once the battery voltage exceeds 3.0V, the charger enters constant current mode. If the charge current
is below 65% of the preset value, the system will release IRQ17 to indicate that “drive ability of external
power is insufficient, as a result, the charge current is lower than the preset value, which may lead to
longer charge time, so stronger power is preferred, or the power-consuming functions should be
disabled to shorten the charge time.”
When the battery voltage reaches the VTRGT, the charger will switch from the constant current mode to
constant voltage mode, and the charge current will fall.
When the charge current is lower than 10% or 15% (adjustable, see register “REG33H”) of the preset
value, a charge cycle ends, and AXP202 will release IRQ18 while the CHGLED pin will stop indicating
the charging state. When the battery voltage is below VRCH again, the automatic charge will restart, and
IRQ17 will be released.
In non-precharge mode, if the charge cycle is not ending after 480 minutes (adjustable, refer to register
“REG34H”), the charger will automatically enter the battery activate mode.
Battery Activate Mode
At the enterring the battery activate mode from either pre-charge mode or constant current mod(the
timer expires), AXP202 will release IRQ10 in both cases to indicate that the battery may be damaged.
In battery activate mode, the charger always inputs relatively low current to batteries. AXP202 will exit
activate mode and release IRQ11 only if the battery voltage has reached VRCH.
AXP202 will indicate whether the charger is in battery activate mode or not in register REG01H.
CHGLED
CHGLED pin is used to indicate charge state and warning. There are four states, namely, charging, not
charging, battery abnormal warning, and external power over-voltage warning. CHGLED is NMOS
Open Drain output, so a LED can be directly driven by a current-limit resistor to show the four states.
The following table has displayed its two operation modes.
REG34H[4] Status
Performance Remark
Charging
Low Level
Not charging
High
Resistance
Battery
Abnormal
1Hz flicker
The charger enters the battery activate mode, or
the battery temperature is too high/low.
0
Over-Voltage
4Hz flicker
External voltage input is too high.
Charging
1Hz flicker
1
Non-chargeable High
No external power is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com