Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 23/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
AXP202 will automatically detect the battery presence, record the result in registers (refer to REG01H)
and release IRQ13, IRQ14.
The battery detection can be enabled and disabled by Host. (Refer to register REG32H.)
9.4 Backup Batttery
AXP202 supports backup battery charge and discharge. When no main power (BAT/ACIN/VBUS) is
available, LDO1 will choose the backup battery to support the operation of some circuits, such as the
system real-time clock, etc.
When there is a main power, REG35H[7] can be set to charge the backup battery, whose target voltage
is 3.0V by default (adjustable via REG35H[6:5]) and charge current is 200uA by default ( adjustable via
REG35H[1:0]).
9.5 Multi-Power Outputs
The following table has listed the multi-power outputs and their functions of AXP202.
Output Path
Type
Default
Voltage
Application
Examples
Drive Ability
DCDC2
BUCK
Configurable
1.25Vcore
1800 mA
DCDC3
BUCK
Configurable
2.5Vddr
1000 mA
LDO1
LDO
Configurable
RTC
30 mA
LDO2
LDO
Configurable
Analog/FM
200 mA
LDO3
LDO
Configurable
1.3V PLL
200 mA
LDO4
LDO
Configurable
1.8V HDMI
200 mA
LDO5
LDO
Configurable
Vmic
50 mA
AXP202 comes with two synchronous step-down DC-DCs, five LDOs, as well as multiple timing and
controlling methods. The work frequency of DC-DC is 1.5MHz by default, which is adjustable via
registers. External small inductors and capacitors can be connected as well. In addition, both DC-DCs
can be set in PWM mode or auto mode (automatically switchable according to the AXP202 load). See
register REG80H.
DC-DC2/3
DCDC3 output voltage ranges from 0.7 V to 3.5V,and output voltage of DCDC2 is ranged from
0.7-2.275V,which can be programmed via registers.(refer to “ register REG23H 27H”).
DCDC2/3 output capacitor is recommended to use small ESR ceramic capacitors above 10uF X7R;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com