Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP202 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 43/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
2
RW
1
1
RW
1
0
GPIO0 pin function setting Bit 2-0
000: output low
001: output high(3.3V)
010: general input function
011: low noise LDO5
100:ADC input
1XX: floating
RW
1
REG 91H: LDO5 Output Voltage and EXTEN/GPIO Output High Level Setting
Default Value: A5H
Bit
Description
R/W
Default
Value
7-4
LDO5 output voltage setting
Vout=[1.8 +( Bit7-4)*0.1]V; defalt=1.8+10*0.1=2.8V
RW
1010
3
Reserved and unchangeable
2-0
EXTEN and GPIO[1:0] output high level setting
000:1.8V;001:2.5V;010:2.8V;011:3.0V;100:3.1V;101:3.3V;110:3.4V;111:3.5
V
RW
101
REG 92H: GPIO1 Function Setting
Default Value: 07H
Bit
Description
R/W
Default
Value
7
GPIO1 rising edge IRQ or Wakeup
function
RW
0
6
GPIO1 rising edge IRQ or Wakeup
function
0:disable
1:enable
RW
0
5-3
Reserved and unchangeable
RW
0
2-0
GPIO1 pin function setting
000: output low
001: output high(3.3V)
010: general input function
011: low noise LDO
100:ADC input
1XX: floating
RW
111
REG 93H:GPIO2 Function Setting
Default Value: 07H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com