Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 76 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 76 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 72Page - Zilog, Inc. Z8018233FSC Datasheet HTML 73Page - Zilog, Inc. Z8018233FSC Datasheet HTML 74Page - Zilog, Inc. Z8018233FSC Datasheet HTML 75Page - Zilog, Inc. Z8018233FSC Datasheet HTML 76Page - Zilog, Inc. Z8018233FSC Datasheet HTML 77Page - Zilog, Inc. Z8018233FSC Datasheet HTML 78Page - Zilog, Inc. Z8018233FSC Datasheet HTML 79Page - Zilog, Inc. Z8018233FSC Datasheet HTML 80Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
3-76
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
PARALLEL PORTS REGISTERS
The Z80182/Z8L182 has three 8-bit bi-directional Ports.
Each bit is individually programmable for input or output.
The Ports consist of two registers the Port Direction Control
Register and the Port Data Register. The Port and direction
register can be accessed in any page of I/O space since
only the lowest eight address lines are decoded. Bits PC7
and PC6 are input only bits and have the special function
of reading the external value of the /INT2 and /INT1 pins.
Writing ‘1’ to these bits will clear the edge detect interrupt
logic when operating /INT2 and/or /INT1 in edge detect
mode.
When Port B and Port C bits 5-0 are deselected in the
System Configuration Register, the Data and Data Direction
Registers are still available as read/write scratch registers.
If a Port is deselected and if the DDR bit is a ‘0’, then the
written value to that bit will be latched and this value can be
read back. If a Port is deselected and if the DDR bit is a ‘1’,
then you could read only the external pin value; any write
to that bit is latched but can be read back only with DDR=0.
1
1
11111
1
D7
D6
D5
D4
D3
D2
D1
D0
PB Data Direction Register
0=Output
1=Input
1
1
11111
1
D7
D6
D5
D4
D3
D2
D1
D0
PA Data Direction Register
0=Output
1=Input
Figure 83. PA, Port A, Data Direction Register
(Z180 MPU Read/Write, Address xxEDH)
The data direction register determines which are inputs
and outputs in the PA Data Register. When a bit is set to 1
the corresponding bit in the PA Data Register is an input.
If the bit is 0, then the corresponding bit is an output.
X
XXXX
XXX
D7
D6
D5
D4
D3
D2
D1
D0
PA Data Register
Figure 84. PA, Port A, Data Register
(Z180 MPU Read/Write, Address xxEEH)
When the Z180 MPU writes to the PA Data Register the
data is stored in the internal buffer. The values of the PA
Data Register are undefined after reset. Any bits that are
output are then sent on to the output buffers.
When the Z180 MPU reads the PA Data Register the data
on the external pins is returned.
Figure 85. PB, Port B, Data Direction Register
(Z180 MPU Read/Write, Address xxE4H)
The data direction register determines which are inputs
and outputs in the PB Data Register. When a bit is set to 1
the corresponding bit in the PB Data Register is an input.
If the bit is 0 then the corresponding bit is an output.
Figure 86. PB, Port B, Data Register
(Z180 MPU, Address xxE5H)
When the Z180 MPU writes to the PB Data Register the
data is stored in the internal buffer. The values of Port B
data register are undefined after reset. Any bits that are
output are then sent on to the output buffers.
When the Z180 MPU reads the PB Data Register, the data
on the external pins is returned.
X
X
X
X
X
XXX
D7
D6
D5
D4
D3
D2
D1
D0
PB Data Register
X
X
11111
1
D7
D6
D5
D4
D3
D2
D1
D0
PC Direction Register
Figure 87. PC, Port C, Data Direction Register
(Z180 MPU Read/Write, Address xxDDH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com