Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 63 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 63 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 59Page - Zilog, Inc. Z8018233FSC Datasheet HTML 60Page - Zilog, Inc. Z8018233FSC Datasheet HTML 61Page - Zilog, Inc. Z8018233FSC Datasheet HTML 62Page - Zilog, Inc. Z8018233FSC Datasheet HTML 63Page - Zilog, Inc. Z8018233FSC Datasheet HTML 64Page - Zilog, Inc. Z8018233FSC Datasheet HTML 65Page - Zilog, Inc. Z8018233FSC Datasheet HTML 66Page - Zilog, Inc. Z8018233FSC Datasheet HTML 67Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
3-63
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC INTERFACE REGISTERS
MIMIC Master Control Register (MMC)
The 16550 MIMIC interface is controlled by the MMC
register. Setting it allows for different modes of operation
such as using the 8-bit counters, DMA accesses, and
which IRQ structure is used with the PC/XT/AT.
0
000000
0
D7
D6
D5
D4
D3
D2
D1
D0
VIS Vector Include Status
0 Mode 0 Interrupts
1 Mode 2 Interrupts
HINTR
00 Normal
01 Wire And
10 Out 2 Control
11 Reserved
Rx DMA
0=Chan 0 Z180
1=Chan 1 Z180
Tx DMA
0=Chan 1 Z180
1=Chan 0 Z180
Rx DMA Enable
Tx DMA Enable
Rx Timer Enable
Tx Timer Enable
Figure 60. MIMIC Master Control Register
(Z180 MPU Read/Write, Address xxFFH)
Bit 7 Transmit Emulation Delay Counter Enable
(Read/Write)
If bit 7 is set to 1, it enables the transmit delay timer. When
the Z180 reads the Transmit Register, it loads the transmit
delay timer from the Transmit Time Constant Register and
enables the timer to count down to zero. This timer delays
setting the Transmit Holding Register Empty (THRE) bit
until the timer times out. If this bit is 0, then THRE is set
immediately on a Z180 read of the Transmit Register. This
bit also enables the emulation timer used in Transmitter
Double Buffering.
Bit 6 Receive Emulation Delay Counter Enable
(Read/Write)
If bit 6 is set to 1, it enables the receive delay timer. When
the Z180 writes to the Receive Buffer, it loads the receive
delay timer from the Receive Time Constant Register and
enables the timer to count down to zero. This timer delays
setting the Data Ready (DR) bit in the LSR until the timer
times out. If this bit is 0 then DR is set immediately on a Z180
write to the Receive Buffer.
Both counters are single pass and stop on a count of Zero.
Their purpose is to delay data transfer just as if the 16550
UART had to shift the data in and out. This is provided to
alleviate any software problems a high speed continuous
data transfer might cause to existing software. If this is not
a concern, then data can be read and written as fast as the
two machines can access the devices. In FIFO mode of
operation , the timers are used to delay the status to the PC
interface by the time required to actually shift the characters
out, or in, if an actual UART were present.
Bit 5 Transmit DMA Enable (Read/Write)
If this bit is set to 1, it enables the Transmit DMA function.
Bit 4 Receive DMA Enable (Read/Write)
If this bit is set to 1, it enables the Receive DMA function.
Bit 3 Receive DMA Channel Select (Read/Write)
If bit 3 is set to 0, then Receive DMA transfer is done
through Z180 DMA channel 0 and the Transmit DMA is
done through DMA channel 1. If bit 3 is set to 1, then
Receive DMA transfer is done through Z180 DMA channel
1 and the Transmit DMA is done through DMA channel 0.
Bits 2,1 Interrupt Select (Read/Write).
See Table 15.
Bit 0 Vector Include Status (Read/Write)
This bit is used to select the interrupt response mode of the
Z180. A 0 in this bit enables Mode 0 interrupts; a 1 enables
Mode 2 response.
Table 15. MIMIC Master Control Register
Interrupt Select
Bit 2
Bit 1
HINTR Function
0
0
HINTR is set to normal 16550 MIMIC mode.
A fully driven output is required when
external priority arbiters are used.
0
1
A wired AND condition on the HINTR pin is
possible to the PC/XT/AT. The interrupt
is active High with only the pull-up
of the HINTR pin driving; otherwise this
pin is tri-state. Wired AND is needed when
an external arbiter is not available.
1
0
HINTR is driven when out 2 of the Modem
Control Register is 1. HINTR is tri-state
when MCR out 2 is 0.
1
1
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com