Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 97 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 97 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 93Page - Zilog, Inc. Z8018233FSC Datasheet HTML 94Page - Zilog, Inc. Z8018233FSC Datasheet HTML 95Page - Zilog, Inc. Z8018233FSC Datasheet HTML 96Page - Zilog, Inc. Z8018233FSC Datasheet HTML 97Page - Zilog, Inc. Z8018233FSC Datasheet HTML 98Page - Zilog, Inc. Z8018233FSC Datasheet HTML 99Page - Zilog, Inc. Z8018233FSC Datasheet HTML 100Page - Zilog, Inc. Z8018233FSC Datasheet HTML 101Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
3-97
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Table D. Z85230 System Timing Table
20 MHz
No.
Symbol
Parameter
Min
Max
Notes [4]
1
TdRxC(REQ)
/RxC to /W//REQ Valid
13
18
[2]
2
TdRxC(W)
/RxC to /Wait Inactive
13
18
[1,2]
3
TdRxC(SY)
/RxC to /SYNC Valid
9
13
[2]
4
TdRxC(INT)
/RxC to /INT Valid
15
22
[1,2]
5
TdTxC(REQ)
/TxC to /W//REQ Valid
8
12
[3]
6
TdTxC(W)
/TxC to /Wait Inactive
8
15
[1,3]
7
TdTxC(DRQ)
/TxC to /DTR//REQ Valid
7
11
[3]
8
TdTxC(INT)
/TxC to /INT Valid
9
14
[1,3]
9
TdSY(INT)
/SYNC to /INT Valid
2
6
[1]
10
TdExT(INT)
/DCD or /CTS to /INT Valid
3
9
[1]
Notes:
These AC parameters values are preliminary and subject to change without notice.
[1] Open-drain output, measured with open-drain test load.
[2] /RxC is /RTxC or /TRxC, whichever is supplying the receive clock.
[3] /TxC is /TRxC or /RTxC, whichever is supplying the transmit clock.
[4] Units equal to TcPc
Table E. I/O Port Timing
Z8L182
Z80182
20 MHz
33 MHz
No.
Symbol
Parameter
Min
Max
Min
Max
1
TsPIA(RD)
Port Data Input Setup to /RD Fall
20
20
2
ThPIA(RD)
Port Data Input Hold From /RD Rise
0
0
3
TdWR
F(PIA)
Port Data Output Delay From /WR Fall
60
60
4T
FWRF(PIA)
Port Data Output Float From /WR Fall
0
0
Table F. External Bus Master Timing
Z8L182
Z80182
20 MHz
33 MHz
No.
Symbol
Parameter
Min
Max
Min
Max
1
TsA(IORQf)
Address to /IORQ Fall Setup
10
5
2
TsIOf(WRf)
/IORQ Fall to /WR Fall Setup
0
0
3
TsIOf(RDf)
/IORQ Fall to /RD Fall Setup
0
0
4
ThIOR(WR
R)
/IORQ Rise From /WR Rise Hold
0
0
5
ThIOR(RD
R)
/IORQ Rise From /RD Rise Hold
0
0
6
TdRDf(DO)
/RD Fall to Data Out Valid Delay
50
45
7T
HRDR(DO)
/RD Rise to Data Out Valid Hold
0
0
8T
SD(WRR)
Data In to /WR Fall Setup
50
50
9
THD(WR
R)
Data In From /WR Rise Hold
10
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com