Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 45Page - Zilog, Inc. Z8018233FSC Datasheet HTML 46Page - Zilog, Inc. Z8018233FSC Datasheet HTML 47Page - Zilog, Inc. Z8018233FSC Datasheet HTML 48Page - Zilog, Inc. Z8018233FSC Datasheet HTML 49Page - Zilog, Inc. Z8018233FSC Datasheet HTML 50Page - Zilog, Inc. Z8018233FSC Datasheet HTML 51Page - Zilog, Inc. Z8018233FSC Datasheet HTML 52Page - Zilog, Inc. Z8018233FSC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
3-49
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Z85230 ESCC™ CONTROL REGISTERS
See Figures 52 and 53 for the ESCC Control registers. For
additional information, refer to the ESCC Product
Specification /Technical Manual.
The Z80182/Z8L182 has two ESCC channels. They can be
accessed in any page of I/O space since only the lowest
eight address lines are decoded for access. Their Z180™
MPU Address locations are shown in Table 11.
When the 16550 MIMIC interface is enabled, ESCC channel
B is disconnected from the output pins. The channel B
/TRxCB clock is connected to the Transmit and Receive
timers of the 16550 MIMIC interface.
It is recommended
that /TRxCB be programmed as an output with proper
baud rate values to timeout the transmitter and receiver
of the 16550 MIMIC interface.
Table 11. ESCC Control and Data Map
ESCC Channel A
Control
Z180 MPU Address xxE0H
Data
Z180 MPU Address xxE1H
ESCC Channel B
Control
Z180 MPU Address xxE2H
Data
Z180 MPU Address xxE3H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com