Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 27 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 27 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 23Page - Zilog, Inc. Z8018233FSC Datasheet HTML 24Page - Zilog, Inc. Z8018233FSC Datasheet HTML 25Page - Zilog, Inc. Z8018233FSC Datasheet HTML 26Page - Zilog, Inc. Z8018233FSC Datasheet HTML 27Page - Zilog, Inc. Z8018233FSC Datasheet HTML 28Page - Zilog, Inc. Z8018233FSC Datasheet HTML 29Page - Zilog, Inc. Z8018233FSC Datasheet HTML 30Page - Zilog, Inc. Z8018233FSC Datasheet HTML 31Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
3-27
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
PROGRAMMING
The following subsections explain and define the
parameters for I/O Address assignments. The three tables
in this section describe the mapping of the common
registers shared by the MPU and the 16550 MIMIC. The
MPU address refers to the I/O address as accessed from
the MPU side (the Z180MPU interface side of the 16550
MIMIC). Note that only the lowest eight address lines are
decoded for Z182 peripheral access. The full sixteen
address lines are decoded for on-chip Z180 MPU access.
The PC address (coined because the UART is common in
PCs) is the address needed to access the MIMIC registers
through the MIMIC interface signals. The MIMIC interface
signals are multiplexed with the ESCC channel B and the
Port A signals, and must be activated through the System
Configuration Register and the Interrupt Edge/Pin MUX
Register.
Table 7. Z80182/Z8L182 MPU Registers
Register Name
MPU Addr
PC Addr
Z80182/Z8L182 MPU Control Registers
0000H to 00x3FH
None
(Relocatable to 0040H to 007FH
or 0080H to 00BFH)
PARALLEL PORTS FUNCTIONAL DESCRIPTION
The Z80182/Z8L182 has three 8-bit bi-directional Ports.
Each bit is individually programmable for input or output
(with the exception of PC6 and PC7 which are inputs only).
The Ports are controlled through two registers: the Port
Direction Control Register and the Port Data Register.
(Please see register description for Ports A, B and C).
Note:
“x” indicates don’t care condition
Table 8. Z80182/Z8L182 MIMIC Register MAP
Register Name
MPU Addr/Access
PC Addr/Access
MMC MIMIC Master Control Register
xxFFH
R/W
None
IUS/IP Interrupt Pending
xxFEH
R/Wb7
None
IE Interrupt Enable
xxFDH
R/W
None
IVEC Interrupt Vector
xxFCH
R/W
None
TTCR Transmit Time Constant
xxFAH
R/W
None
RTCR Receive Time Constant
xxFBH
R/W
None
FSCR FIFO Status and Control
xxECH
R/W7-4
None
RTTC Receive Timeout Time Constant
xxEAH
R/W
None
TTTC Transmit Timeout Time Constant
xxEBH
R/W
None
RBR Receive Buffer Register
xxF0H
W only
00H
DLAB=0 R only
THR Transmit Holding Register
xxF0H
R only
00H
DLAB=0 W only
IER Interrupt Enable Register
xxF1H
R only
01H
DLAB=0 R/W
IIR Interrupt Identification
None
02H
R only
FCR FIFO Control Register
xxE9H
R only
02H
W only
MM REGISTER
XXE9H
W only
None
LCR Line Control Register
xxF3H
R only
03H
R/W
MCR Modem Control Register
xxF4H
R only
04H
R/W
LSR Line Status Register
xxF5H
R/Wb6432
05H
R only
MSR Modem Status Register
xxF6H
R/Wb7-4
06H
R only
SCR Scratch Register
xxF7H
R only
07H
R/W
DLL Divisor Latch (LSByte)
xxF8H
R only
00H
DLAB=1 R/W
DLM Divisor Latch (MSByte)
xxF9H
R only
01H
DLAB=1 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com