Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 93 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 93 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 89Page - Zilog, Inc. Z8018233FSC Datasheet HTML 90Page - Zilog, Inc. Z8018233FSC Datasheet HTML 91Page - Zilog, Inc. Z8018233FSC Datasheet HTML 92Page - Zilog, Inc. Z8018233FSC Datasheet HTML 93Page - Zilog, Inc. Z8018233FSC Datasheet HTML 94Page - Zilog, Inc. Z8018233FSC Datasheet HTML 95Page - Zilog, Inc. Z8018233FSC Datasheet HTML 96Page - Zilog, Inc. Z8018233FSC Datasheet HTML 97Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
3-93
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
ESCC Timing
Ø
2
3
4
6
5
1
/WR
/RD
/W//REQ
Wait
/W//REQ
Request
/DTR//REQ
Request
/INT
Figure 104. ESCC AC Parameter
Table B. ESCC Timing Parameters
20 MHz
No.
Symbol
Parameter
Min
Max
Unit
1
TdWR(W)
/WR Fall to Wait Valid Delay
50
ns
2
TdRD(W)
/RD Fall to Wait Valid Delay
50
3
TdWRf(REQ)
/WR Fall to /W//REQ
Not Valid Delay
65
4
TdRDf(REQ)
/RD Fall to /W//REQ
Not Valid Delay
65
5
TdRdr(REQ)
/RD Rise to /DTR//REQ
Not Valid Delay
TBD
6
TdPC(INT)
Clock to /INT Valid Delay
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com