Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 57 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 57 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 53Page - Zilog, Inc. Z8018233FSC Datasheet HTML 54Page - Zilog, Inc. Z8018233FSC Datasheet HTML 55Page - Zilog, Inc. Z8018233FSC Datasheet HTML 56Page - Zilog, Inc. Z8018233FSC Datasheet HTML 57Page - Zilog, Inc. Z8018233FSC Datasheet HTML 58Page - Zilog, Inc. Z8018233FSC Datasheet HTML 59Page - Zilog, Inc. Z8018233FSC Datasheet HTML 60Page - Zilog, Inc. Z8018233FSC Datasheet HTML 61Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
3-57
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Z182 MISCELLANEOUS CONTROL AND INTERFACE REGISTERS
Figures 54 through 65 describe miscellaneous registers
that control the Z182 configuration, RAM/ROM chip select,
interrupt and various status and timers.
System Configuration Register
Bit 7 Port C Select
When this bit is set to 1, bit 8 parallel Port C is selected on
the multiplexed pins. When this bit is reset to 0 then these
multiplexed pins take ESCCChannel A functions.
Bit 6 PB7-PB5 Select
When this bit is set to 1, parallel Port B bits 7 through 5 are
selected on the multiplexed pins. When this bit is reset to
0, these multiplexed pins become RxA1, TxA1 and RxS/
CTS1.
Bit 5 PB4-PB0 Select
When this bit is set to 1, parallel Port B bits 4 through 0 are
selected on the multiplexed pins. When this bit is reset to
0, these multiplexed pins take ASCI channel 0 functions.
Bit 4 DD
OUT ROM Emulator Mode Enable
When this bit is set to 1, the Z182 is in “ROM emulator
mode”. In this mode, bus direction for certain transaction
periods are set to the opposite direction to export internal
bus transactions outside the Z80182/Z8L182. This allows
the use of ROM emulators/logic analyzers for application
development (see Tables 12a and 12b).
Note: The word “Out” means that the Z182 data bus
direction is in output mode, “In” means input mode, and “Z”
means high impedance. DD
OUT stands for Data Direction
Out and is the status of the D4 bit in the System Configuration
Register (SCR).
Figure 54. System Configuration Register
(Z180 MPU Read/Write, Address xxEFH)
0
0
00000
0
D7
D6
D5
D4
D3
D2
D1
D0
Daisy Chain
0=ESCC
> 16550 MIMIC
1=16550 MIMIC> ESCC
ESCC/MIMIC
0=ESCC Channel B
1=16550 MIMIC Interface
Tri-Muxed Pins
0=Z80180
1=ESCC Channel/16550 MIMIC
Disable ROMs
0=ROM Sel Enabled
1=ROM Sel Disabled
DOUT
0=No Data Out
1=Data Out
Port PB4-PB0 Select
0=ASCI Channel 0 Func
1=PB4-PB0 Selected
Port PB7-PB5 Select
0=RXA1, TXA1, (RXS,/CTS1)
1=PB7-PB5 Selected
Port C Select
0=ESCC Channel A Func
1=Port C Selected
Table 12a. Data Bus Direction (Z182 Bus Master)
I/O And Memory Transactions
I/O Write
I/O Read
I/O Write
I/O Read
Write
Read
Z80182
to On-Chip
From On-Chip
to Off-Chip
From Off-Chip
To
From
/Z8L182
Peripherals
Peripherals
Peripherals
Peripherals
Memory
Mode
Refresh Idle Mode
Z80182
Out
Z
Out
In
Out
In
Z
Z
/Z8L182
Data Bus
(DD
OUT =0)
Z80182
Out
Out
Out
In
Out
In
Z
Z
/Z8L182
Data Bus
(DD
OUT =1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com