Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 64 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 64 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 60Page - Zilog, Inc. Z8018233FSC Datasheet HTML 61Page - Zilog, Inc. Z8018233FSC Datasheet HTML 62Page - Zilog, Inc. Z8018233FSC Datasheet HTML 63Page - Zilog, Inc. Z8018233FSC Datasheet HTML 64Page - Zilog, Inc. Z8018233FSC Datasheet HTML 65Page - Zilog, Inc. Z8018233FSC Datasheet HTML 66Page - Zilog, Inc. Z8018233FSC Datasheet HTML 67Page - Zilog, Inc. Z8018233FSC Datasheet HTML 68Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
3-64
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Figure 61. IUS/IP Register
(Z180 MPU, Address xxFEH)
Bit 7 Interrupt Under Service (Read/Write)
This bit represents a logical OR of each individual IUS bit
for the internal MIMIC interrupt daisy chain. An IUS bit is set
when an interrupt is registered (IP set) and enabled (IE
set), the incoming IEI daisy chain is active (chain enabled)
and an interrupt acknowledge cycle is entered. By writing
a 1 to this bit the highest priority IUS bit that is set will be
reset. Writing a 0 to this bit has no effect.
This should be done at the end of every MIMIC Interrupt
Service routine.
Bit 6 Transmit Holding Register Written (Read Only)
This bit is set when the PC/XT/AT writes to the Transmit
Holding Register. It is reset when the Z180 MPU reads the
Transmit Holding Register. In FIFO mode, this bit is set
when the trigger level is reached (4,8,14 bytes available).
Note: The THR bit is set (interrupts) when the transmitter
FIFO reaches the data available trigger level set in the MPU
FCR control register. The bit and interrupt source is cleared
when the number of data bytes falls below the set trigger
level.
0
0
00000
0
D7
D6
D5
D4
D3
D2
D1
D0
Interrupt Under Service (RD)
Reset Highest IUS (WR)
Interrupt Pending
6 THR Write
5 TTO Transmitter Timeout
4 RBR Read
3 MCR Write
2 LCR Write
1 DLL Write
1 DLM Write
0 FCR Write or Tx Overrun
IUS/IP Register
The IUS/IP Register is used by the Z180™ MPU to determine
the source of the interrupt. This register will have the
appropriate bit set when an interrupt occurs.
Bit 5 Transmitter Timeout with Data in FIFO (Read
Only)
This bit is set when the transmitter FIFO has been idle (no
read or write and timer decrements to zero) with data bytes
below the trigger level. It is cleared when the FIFO is read
or written.
Bit 4 Receive Buffer Read (Read Only)
This bit is set when the PC/XT/AT reads the Receive Buffer
Register. It is reset when the Z180 MPU writes to the
Receive Buffer Register. In FIFO mode, this bit is set upon
the PC reading all the data in the receive FIFO. Note: RBR
is set and interrupts when the receive FIFO has been
emptied by the PC. This bit and interrupt are cleared when
one or more bytes are written into the receive FIFO by the
MPU.
Bit 3 Modem Control Register Write (Read Only)
This bit is set when the PC/XT/AT writes to the Modem
Control Register. It is reset when the Z180™ MPU reads the
Modem Control Register.
Bit 2 Line Control Register Write (Read Only)
This bit is set when the PC/XT/AT writes to the Line Control
Register. It is reset when the Z180 MPU reads the Line
Control Register.
Bit 1 Divisor Latch LS/MS Write (Read Only)
This bit is set when the PC/XT/AT writes to the Divisor Latch
Least Significant or Most Significant bytes. It is reset when
the PC reads the LS/MS register(s). To determine which
byte(s) have been written, the Z180 must read either LS or
MS locations and then repoll this bit. If only one location is
interrupting, the interrupt is cleared when that location is
read by the Z180.
Bit 0 FIFO Control Register Write (Read Only)
This bit is set when the PC/XT/AT writes to the FCR. This bit
is also set when Transmit occurs. It is reset when the Z180
MPU reads this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com