Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 91 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 91 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 87Page - Zilog, Inc. Z8018233FSC Datasheet HTML 88Page - Zilog, Inc. Z8018233FSC Datasheet HTML 89Page - Zilog, Inc. Z8018233FSC Datasheet HTML 90Page - Zilog, Inc. Z8018233FSC Datasheet HTML 91Page - Zilog, Inc. Z8018233FSC Datasheet HTML 92Page - Zilog, Inc. Z8018233FSC Datasheet HTML 93Page - Zilog, Inc. Z8018233FSC Datasheet HTML 94Page - Zilog, Inc. Z8018233FSC Datasheet HTML 95Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
3-91
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Z8S180 AC CHARACTERISTICS
Table A. Z8L180 and Z8S180 Timings
Z8L180
Z8S180
20 MHz
33 MHz
No.
Sym
Parameter
Min
Max
Min
Max
Unit
Note
1
tcyc
Clock Cycle Time
50
2000
30
2000
ns
[1]
2
tCHW
Clock Pulse Width (High)
15
10
ns
[1]
3
tCLW
Clock Pulse Width (Low)
15
10
ns
[1]
4
tcf
Clock Fall Time
10
5
ns
[1]
5
tcr
Clock Rise Time
10
5
ns
[1]
6
tAD
Address Valid from Clock Rise
15
15
ns
7
tAS
Address Valid to /MREQ, /IORQ, /MRD Fall
5
5
ns
8
tMED1
Clock Fall to /MREQ Fall Delay
15
10
ns
9
tRDD1
Clock Fall to /RD, /MRD (/IOC=1)
25
15
ns
Clock Rise to /RD, /MRD Fall (/IOC=0)
35
15
ns
10
tM1D1
Clock Rise to /M1 Fall delay
35
15
ns
11
tAH
Address Hold time (/MREQ, /IORQ, /RD, /WR/MRD)
5
5
ns
12
tMED2
Clock Fall to /MREQ Rise Delay
25
15
ns
13
tRDD2
Clock Fall to /RD, /MRD Rise Delay
25
15
ns
14
tM1D2
Clock Rise to /M1 Rise Delay
40
15
ns
15
tDRS
Data Read Setup Time
15
15
ns
16
tDRH
Data Read Hold Time
0
0
ns
17
tSTD1
Clock Edge to ST Fall
30
15
ns
18
tSTD2
Clock Edge to ST Rise
30
15
ns
19
tWS
/WAIT Setup Time to Clock Fall
15
10
ns
[2]
20
tWH
/WAIT Hold Time from Clock Fall
10
5
ns
21
tWDZ
Clock Rise to Data Float Delay
35
20
ns
22
tWRD1
Clock Rise to /WR,/MWR Fall Delay
25
15
ns
23
tWDD
Clock Fall to Write Data Delay
25
15
ns
24
tWDS
Write Data Setup Time to /WR,/MWR Fall
10
10
ns
25
tWRD2
Clock Fall to /WR Rise
25
15
ns
26
tWRP
/WR Pulse Width (Memory Write Cycles)
75
45
ns
26a
/WR Pulse Width (I/O Write Cycles)
130
70
ns
27
tWDH
Write Data Hold Time from /WR Rise
10
5
ns
28
tIOD1
Clock Fall to /IORQ Fall Delay (/IOC=1)
25
15
ns
Clock Rise to /IORQ Fall Delay (/IOC=0)
25
15
ns
29
tIOD2
Clock Fall /IOQR Rise Delay
25
15
ns
30
tIOD3
/M1 Fall to /IORQ Fall Delay
100
80
ns
31
tINTS
/INT Setup Time to Clock Fall
20
15
ns
32
tINTH
/INT Hold Time from Clock Fall
10
10
ns
33
tNMIW
/NMI Pulse Width
35
25
ns
34
tBRS
/BUSREQ Setup Time to Clock Fall
10
10
ns
35
tBRH
/BUSREQ Hold Time from Clock Fall
10
10
ns
36
tBAD1
Clock Rise to /BUSACK Fall Delay
25
15
ns
37
tBAD2
Clock Fall to /BUSACK Rise Delay
25
15
ns
38
tBZD
Clock Rise to Bus Floating Delay Time
40
30
ns
39
tMEWH
/MREQ Pulse Width (High)
35
25
ns
40
tMEWL
/MREQ Pulse Width (Low)
35
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com