Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 60 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 60 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 56Page - Zilog, Inc. Z8018233FSC Datasheet HTML 57Page - Zilog, Inc. Z8018233FSC Datasheet HTML 58Page - Zilog, Inc. Z8018233FSC Datasheet HTML 59Page - Zilog, Inc. Z8018233FSC Datasheet HTML 60Page - Zilog, Inc. Z8018233FSC Datasheet HTML 61Page - Zilog, Inc. Z8018233FSC Datasheet HTML 62Page - Zilog, Inc. Z8018233FSC Datasheet HTML 63Page - Zilog, Inc. Z8018233FSC Datasheet HTML 64Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
3-60
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
/RAMCS AND /ROMCS REGISTERS (Continued)
RAMUBR, RAMLBR RAM Upper Boundary Range,
RAM Lower Boundary Range
These two registers specify the address range for the
/RAMCS signal. When accessed memory addresses are
less than or equal to the value programmed in the RAMUBR
and greater than or equal to the value programmed in the
RAMLBR, /RAMCS is asserted. The A18 signal from the
CPU is taken before it is multiplexed with T
OUT. In the case
that these registers are programmed to overlap,
/ROMCS takes priority over /RAMCS (/ROMCS is asserted
and /RAMCS is inactive).
Chip Select signals are going active for the address range:
/ROMCS: (ROMBR) >= A19-A12 >= 0
/RAMCS: (RAMUBR) >= A19-A12 >= (RAMLBR)
These registers are set to FFH at POR, and the boundary
addresses of ROM and RAM are as follows:
ROM lower boundary address
(fixed) = 00000H
ROM upper boundary address
(ROMBR register) = 0FFFFFH
RAM lower boundary address
(RAMLBR register) = 0FFFFFH
RAM upper boundary address
(RAMUBR register) = 0FFFFFH
Because /ROMCS takes priority over /RAMCS, the latter
will never be asserted until the value in the ROMBR and
RAMLBR registers are re-initialized to lower values.
1
1
11111
1
D7
D6
D5
D4
D3
D2
D1
D0
Upon reset
A19-A12
Figure 57. ROMBR
(Z180 MPU Read/Write, Address xxE8H)
ROMBR ROM Address Boundary Register
This register specifies the address range for the /ROMCS
signal. When accessed, memory addresses are less than
or equal to the value programmed in this register, the
/ROMCS signal is asserted.
The A18 signal from the CPU is obtained before it is
multiplexed with T
OUT. This signal can be forced to a “1”
(inactive state) by setting bit 3 in the System Configuration
Register, to allow the user to overlay the RAM area over the
ROM area.
Z80182 Improvement to the Wait State Generator
A separate Wait State Generator is provided for access
memory using /ROMCS and /RAMCS. A single 8-bit register
is added to enable/disable this feature as well as provide
two 3-bit fields that provide 1 to 8 waits for each chip select.
WSG Chip Select Register (Z80182 address D8H)
Bit 7
/RAMCS Wait State Generator Enable.
Disable on power-up or reset.
Bits 6-4
/RAMCS Wait States 1 to 8.
Eight wait states on power-up or reset.
Bit 3
/ROMCS Wait State Generator Enable.
Disable on power-up or reset.
Bits 2-0
/ROMCS Wait States 1 to 8.
Eight wait states on power-up or reset.
There are two wait state generators in the Z182. The actual
number of wait states inserted is the greatest number of
both the Z180 WSG and the chip select WSG. In order to
use the Chip Select WSG, the Z180 WSG should be
programmed to 0 wait states.
Figure 58. WSG Chip Select Register
(Z180 MPU Read/Write, Address xxD8H)
D7
D6
D5 D4
D3
D2
D1
D0
/ROMCS
Wait States
1-8
/ROMCS Wait
State Generator
Enable
/RAMCS Wait
States 1-8
00
/RAMCS Wait State
Generator Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com