Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 92 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 92 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 88Page - Zilog, Inc. Z8018233FSC Datasheet HTML 89Page - Zilog, Inc. Z8018233FSC Datasheet HTML 90Page - Zilog, Inc. Z8018233FSC Datasheet HTML 91Page - Zilog, Inc. Z8018233FSC Datasheet HTML 92Page - Zilog, Inc. Z8018233FSC Datasheet HTML 93Page - Zilog, Inc. Z8018233FSC Datasheet HTML 94Page - Zilog, Inc. Z8018233FSC Datasheet HTML 95Page - Zilog, Inc. Z8018233FSC Datasheet HTML 96Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
3-92
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Z8S180 AC CHARACTERISTICS (Continued)
Z8L180
Z8S180
20 MHz
33 MHz
No.
Sym
Parameter
Min
Max
Min
Max
Unit
Note
41
tRFD1
Clock Rise to /RFSH Fall Delay
20
15
ns
42
tRFD2
Clock Rise to /RFSH Rise Delay
20
15
ns
43
tHAD1
Clock Rise to /HALT Fall Delay
15
15
ns
44
tHAD2
Clock Rise to /HALT Rise Delay
15
15
ns
45
tDRQS
/DREQi Setup Time to Clock Rise
20
15
ns
46
tDRQH
/DREQi Hold Time from Clock Rise
20
15
ns
47
tTED1
Clock Fall to /TENDi Fall Delay
25
15
ns
48
tTED2
Clock Fall to /TENDi Rise Delay
25
15
ns
49
tED1
Clock Rise to E Rise Delay
30
15
ns
50
tED2
Clock Edge to E Fall Delay
30
15
ns
51
PWEH
E Pulse Width (High)
25
20
ns
52
PWEL
E Pulse Width (Low)
50
40
ns
53
tEr
Enable Rise Time
10
10
ns
54
tEf
Enable Fall Time
10
10
ns
55
tTOD
Clock Fall to Timer Output Delay
75
50
ns
56
tSTDI
CSI/O Tx Data Delay Time
75
60
ns
(Internal Clock Operation)
57
tSTDE
CSI/O Tx Data Delay Time
7.5 tcyc+100
7.5 tcyc+100 ns
(External Clock Operation)
58
tSRSI
CSI/O Rx Data Setup Time
1
1
tcyc
(Internal Clock Operation)
59
tSRHI
CSI/O Rx Data Hold Time
1
1
tcyc
(Internal Clock Operation)
60
tSRSE
CSI/O Rx Data Setup Time
1
1
tcyc
(External Clock Operation)
61
tSRHE
CSI/O Rx Data Hold Time
1
1
tcyc
(External Clock Operation)
62
tRES
/RESET Setup time to Clock Fall
40
25
ns
63
tREH
/RESET Hold time from Clock Fall
25
15
ns
64
tOSC
Oscillator Stabilization Time
20
20
ms
65
tEXr
External Clock Rise Time (EXTAL)
10
5
ns
66
tEXf
External Clock Fall Time (EXTAL)
10
5
ns
67
tRr
/RESET Rise Time
50
50
ms
[2]
68
tRf
/RESET Fall Time
50
50
ms
[2]
69
tIr
Input Rise Time (Except EXTAL, /RESET)
50
50
ns
[2]
70
tIf
Input Fall Time (Except EXTAL, /RESET)
50
50
ns
[2]
71
TdCS
/MREQ Valid to /ROMCS, /RAMCS Valid Delay
15
10
ns
72
TdIOCS
/IORQ Valid to /IOCS Valid Delay
15
10
ns
Notes:
These AC parameters values are preliminary and subject to change without notice.
[1]
All specifications reflect 100% output drive (disabled slew rate limiting feature).
[2]
Specification 1 through 5 refer to PHI clock output.
[3]
Exceeds characterization (data propagation delay needs to be analyzed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com