Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 74 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 74 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 70Page - Zilog, Inc. Z8018233FSC Datasheet HTML 71Page - Zilog, Inc. Z8018233FSC Datasheet HTML 72Page - Zilog, Inc. Z8018233FSC Datasheet HTML 73Page - Zilog, Inc. Z8018233FSC Datasheet HTML 74Page - Zilog, Inc. Z8018233FSC Datasheet HTML 75Page - Zilog, Inc. Z8018233FSC Datasheet HTML 76Page - Zilog, Inc. Z8018233FSC Datasheet HTML 77Page - Zilog, Inc. Z8018233FSC Datasheet HTML 78Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
3-74
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC REGISTERS (Continued)
Modem Status Register
Bit 7 Data Carrier Detect
This bit must be written by the Z180 MPU.
Bit 6 Ring Indicator
This bit must be written by the Z180 MPU.
Bit 5 Data Set Ready
This bit must be written by the Z180 MPU.
Bit 4 Clear to Send
This bit must be written by the Z180™ MPU.
Bit 3 Delta Data Carrier Detect
This bit is set to 1 whenever the Data Carrier Detect bit
changes state. This bit is reset when the PC/XT/AT reads
the Modem Status Register.
Bit 2 Trailing Edge Ring Indicator
This bit is set to 1 on the falling edge of the Ring Indicator
bit. This bit is reset when the PC/XT/AT reads the Modem
Status Register.
Bit 1 Delta Data Set Ready
This bit is set to 1 whenever the Data Set Ready bit
changes state. This bit is reset when the PC/XT/AT reads
the Modem Status Register.
Bit 0 Delta Clear To Send
This bit is set to 1 whenever the Clear To Send bit changes
state. This bit is reset when the PC/XT/AT reads the Modem
Status Register.
0
0
000000
D7
D6
D5
D4
D3
D2
D1
D0
Divisor Latch (LS)
Figure 79. Scratch Register
(PC Read/Write, Address 07H)
(Z180 MPU Read Only, Address xxF7H)
Scratch Register
Bits 7-0 Scratch Register
This register is used by the PC/XT/AT programmer for
temporary data storage. The Z180 MPU is able to read this
register. If the PC/XT/AT writes to this register, no interrupt
to the Z180 MPU is generated.
0
0
000000
D7
D6
D5
D4
D3
D2
D1
D0
Divisor Latch (MS)
Figure 80. Divisor Latch (LS)
(PC Read/Write, Address 00H and DLAB=1)
(Z180 MPU Read Only, Address xxF8H)
Divisor Latch (LS)
Bit 7-0 Divisor Latch Most Significant Byte (MS)
This register contains the Low order byte of the Baud rate
divisor. Writing to this register with the PC/XT/AT will
generate an interrupt to the Z180 MPU. It can then read the
Baud rate divisor and set up the application.
0
0
000000
D7
D6
D5
D4
D3
D2
D1
D0
Scratch Register
Figure 81. Divisor Latch (MS)
(PC Read/Write, Address 01H and DLAB=1)
(Z180 MPU Read Only, Address xxF9H)
Divisor Latch (MS)
Bit 7-0 Divisor Latch Most Significant Byte (MS)
This register contains the High order byte of the Baud rate
divisor. Writing to this register with the PC/XT/AT will
generate an interrupt to the Z180 MPU. It can then read the
Baud rate divisor and set up the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com