Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 49Page - Zilog, Inc. Z8018233FSC Datasheet HTML 50Page - Zilog, Inc. Z8018233FSC Datasheet HTML 51Page - Zilog, Inc. Z8018233FSC Datasheet HTML 52Page - Zilog, Inc. Z8018233FSC Datasheet HTML 53Page - Zilog, Inc. Z8018233FSC Datasheet HTML 54Page - Zilog, Inc. Z8018233FSC Datasheet HTML 55Page - Zilog, Inc. Z8018233FSC Datasheet HTML 56Page - Zilog, Inc. Z8018233FSC Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
3-53
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
D7
D6 D5
D4
D3
D2
D1
D0
Auto Tx Flag
WR 7' Prime
Auto EOM Reset
Auto RTS Deactivation
Rx FIFO Int Level
DTR/REQ Timing Mode
Tx FIFO Int Level
Extended Read Enable
32-bit CRC Enable
D7
D6
D5
D4
D3
D2
D1
D0
Write Register 10
6-Bit//8-Bit Sync
0
0
NRZ
0
1
NRZI
1
0
FM1 (Transition = 1)
1
1
FM0 (Transition = 0)
Loop Mode
Abort//Flag On Underrun
Mark//Flag Idle
Go Active On Poll
CRC Preset I//O
D7
D6
D5
D4
D3
D2
D1
D0
Write Register 11
0
0
/TRxC Out = Xtal Output
0
1
/TRxC Out = Transmit Clock
1
0
/TRxC Out = BR Generator Output
1
1
/TRxC Out = DPLL Output
/TRxC O/I
0
0
Transmit Clock = /RTxC Pin
0
1
Transmit Clock = /TRxC Pin
1
0
Transmit Clock = BR Generator Output
1
1
Transmit Clock = DPLL Output
0
0
Receive Clock = /RTxC Pin
0
1
Receive Clock = /TRxC Pin
1
0
Receive Clock = BR Generator Output
1
1
Receive Clock = DPLL Output
/RTxC Xtal//No Xtal
D7
D6
D5
D4
D3 D2
D1
D0
Write Register 9
VIS
0
0
No Reset
0
1
Not used
1
0
Channel Reset
1
1
Force Hardware Reset
NV
DLC
MIE
Status High//Status Low
Software INTACK Enable
Figure 52. Write Register Bit Functions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com