Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 12 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 12 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 8Page - Zilog, Inc. Z8018233FSC Datasheet HTML 9Page - Zilog, Inc. Z8018233FSC Datasheet HTML 10Page - Zilog, Inc. Z8018233FSC Datasheet HTML 11Page - Zilog, Inc. Z8018233FSC Datasheet HTML 12Page - Zilog, Inc. Z8018233FSC Datasheet HTML 13Page - Zilog, Inc. Z8018233FSC Datasheet HTML 14Page - Zilog, Inc. Z8018233FSC Datasheet HTML 15Page - Zilog, Inc. Z8018233FSC Datasheet HTML 16Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
3-12
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Ports B and C Multiplexed Pin Descriptions
Ports B and C are pin multiplexed with the Z180 ASCI
functions and part of ESCC channel A. The MUX function
is controlled by bits 7-5 in the System Configuration Register.
The MUX is organized as shown in Table 4.
Table 4. Multiplexed Port Pins
Port Mode
ASCI/ESCC Mode
Function
Function
PB7
RxS,/CTS1
PB6 Select with bit 6=1
RxA1
PB5 System Config Reg.
TxA1
PB4
RxA0
PB3
TxA0
PB2 Select with bit 5=1
/DCD0
PB1 System Config Reg.
/CTS0 (Note 1)
PB0
/RTS0
PC7
Always Reads /INT2 Ext.
Status
PC6
Always Reads /INT1 Ext.
Status
PC5
/W//REQA
PC4
/SYNCA
PC3 Select with bit 7=1
/DTR//REQA
PC2 System Config Reg.
/RTSA (Note 2)
PC1
/CTSA
PC0
/DCDA
Note 1:
When the Port function (PB1) is selected, the internal Z180/
CTS0 is always driven Low. This ensures that the ASCI
channel 0 of the Z180™ MPU is enabled to transmit data.
Note 2:
Interrupt Edge /Pin MUX register, bit 3 chooses between
the /MWR or PC2//RTSA combination; the System
Configuration Register bit 7 chooses between PC2 and
/RTSA.
Refer to Table 5 for the 1st, 2nd and 3rd pin functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com