Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 65 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 65 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 61Page - Zilog, Inc. Z8018233FSC Datasheet HTML 62Page - Zilog, Inc. Z8018233FSC Datasheet HTML 63Page - Zilog, Inc. Z8018233FSC Datasheet HTML 64Page - Zilog, Inc. Z8018233FSC Datasheet HTML 65Page - Zilog, Inc. Z8018233FSC Datasheet HTML 66Page - Zilog, Inc. Z8018233FSC Datasheet HTML 67Page - Zilog, Inc. Z8018233FSC Datasheet HTML 68Page - Zilog, Inc. Z8018233FSC Datasheet HTML 69Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
3-65
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Interrupt Enable Register
The IE Register allows each of the 16550/8250 interrupts
to the Z180MPU to be masked off individually or globally.
0
0000000
D7
D6
D5
D4
D3
D2
D1
D0
MIE
Interrupt Enable
6 Enable THR IRQ
5 Enable TTO IRQ
4 RBR IRQ
3 Enable LCR IRQ
2 Enable MCR IRQ
1 Enable DLL/DLM IRQ
0 Enable FCR IRQ
Priority of interrupts are in this order:
(Highest)
6
THR IRQ
5
TTO IRQ
4
RBR IRQ
3
MCR IRQ
2
LCR IRQ
1
DLL IRQ
1
DLM IRQ
(Lowest)
0
FCR or Tx OVERRUN IRQ
Interrupt Vector Register
The Interrupt Vector Register contains either the opcode
(Z180 Interrupt Mode 0) or the modified vector used as the
lower address for a Z180 interrupt service routine (Z180
Interrupt Mode 2), depending upon the VIS bit in the MMC
Register (MIMIC Master Control Register). If the VIS bit is
0, then Z180 Mode 0 interrupt is selected; if VIS is 1, then
Z180 Mode 2 is selected. Note that in Z180 Interrupt Mode
0, the data input to the MPU during the interrupt
acknowledge cycle is an instruction opcode; in Z180
Interrupt Mode 2, this data (modified depending on the
source of the interrupt) becomes part of an address from
which to get the starting address of the interrupt service
routine.
0
000000
0
D7
D6
D5
D4
D3
D2
D1
D0
0/Opcode
Status/Opcode
Upper Nibble IVEC
Figure 63. IVEC Register
(Z180 MPU, Address xxFCH)
Bits 7-4 Upper Nibble IVEC (Read/Write)
These four bits generate either an opcode for Z180 Interrupt
Mode 0, or the upper four bits of the interrupt modified
vector used as an 8-bit address to support the Z180
Interrupt Mode 2. These bits are read/write and always
read back what was last written to them.
Bits 3-1 Interrupt Modified Vector/Opcode
(Read/Write Table 16)
These three bits are the Interrupt Status bits when VIS in
the MMC register is 1 (Z180 Interrupt Mode 2). If VIS bit is
0, then this field contains bit 3-bit 1 of the opcode. If the VIS
bit is 0, then these bits contain what was last written to
them.
Figure 62. IE Register
(Z180 MPU, Address xxFDH)
Bit 7 Master Interrupt Enable (Read/Write)
If bit 7 is 0, all interrupts from the 16550 MIMIC are masked
off. If this bit is 1, then interrupts are enabled individually by
setting the appropriate bit.
Bit 6 Enable THR Interrupt (Read/Write)
If this bit is 1, it enables the Transmit Holding Register
Interrupt.
Bit 5 Enable TTO Interrupt (Read/Write)
If this bit is 1, it enables the Transmitter Timeout Interrupt.
This interrupts the CPU when characters remain in the
FIFO below the trigger level and the FIFO is not read or
written for the length of time in the transmitter timeout
register.
Bit 4 Enable RBR Interrupt (Read/Write)
If this bit is 1, it enables the Receive Buffer Register
Interrupt.
Bit 3 Enable LCR Interrupt (Read/Write)
If this bit is 1, it enables the Line Control Register interrupt.
Bit 2 Enable MCR Interrupt (Read/Write)
If this bit is 1, it enables the Modem Control Register
Interrupt.
Bit 1 Enable DLL/DLM Interrupt (Read/Write)
If this bit is 1, it enables the Divisor Latch Least and Most
Significant Byte interrupts.
Bit 0 Enable FCR Interrupt (Read/Write)
If this bit is 1 , then interrupts are enabled for a PC write to
the FIFO control register (FCR) or for occurrence of Tx
Overrun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com