Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 2Page - Zilog, Inc. Z8018233FSC Datasheet HTML 3Page - Zilog, Inc. Z8018233FSC Datasheet HTML 4Page - Zilog, Inc. Z8018233FSC Datasheet HTML 5Page - Zilog, Inc. Z8018233FSC Datasheet HTML 6Page - Zilog, Inc. Z8018233FSC Datasheet HTML 7Page - Zilog, Inc. Z8018233FSC Datasheet HTML 8Page - Zilog, Inc. Z8018233FSC Datasheet HTML 9Page - Zilog, Inc. Z8018233FSC Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
3-6
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Z180 CPU SIGNALS (Continued)
/NMI.
Non-maskable interrupt (input, negative edge
triggered). /NMI has a higher priority than /INT and is
always recognized at the end of an instruction, regardless
of the state of the interrupt enable flip-flops. This signal
forces CPU execution to continue at location 0066H.
/INT0.
Maskable Interrupt Request 0 (input/output active
Low). This signal is generated by external I/O devices. The
CPU will honor this request at the end of the current
instruction cycle as long as the /NMI and /BUSREQ signals
are inactive. The CPU acknowledges this interrupt request
with an interrupt acknowledge cycle. During this cycle,
both the /M1 and /IORQ signals become active. The
internal Z180 MPU’s /INT0 source is: /INT0 or ESCC or the
MIMIC. This input is level triggered. /INT0 is an open-drain
output, so you can connect other open-drain interrupts
onto the circuit in addition to haveing a pull-up to VCC.
/INT1, /INT2.
Maskable Interrupt Requests 1 and 2 (inputs,
active Low). This signal is generated by external I/O
devices. The CPU will honor these requests at the end of
the current instruction cycle as long as the /NMI, /BUSREQ,
and /INT0 signals are inactive. The CPU acknowledges
these interrupt requests with an interrupt acknowledge
cycle. Unlike the acknowledgment for /INT0, during this
cycle neither the /M1 or /IORQ signals become active.
These pins may be programmed to provide an active Low
level on rising or falling edge interrupts. The level of the
external /INT1 and /INT2 pins may be read through bits
PC6 and PC7 of parallel Port C. Pin /INT1/PC6 multiplexes
/INT1 and PC6. Pin /INT2/PC7 multiplexes /INT2 and PC7.
/RFSH.
Refresh (input/output, active Low, tri-state).
Together with /MREQ, /RFSH indicates that the current
CPU machine cycle and the contents of the address bus
should be used for refresh of dynamic memories. The low
order 8 bits of the address bus (A7-A0) contain the refresh
address. This signal is analogous to the /REF signal of the
Z64180.
Z180 MPU UART AND SIO SIGNALS
CKA0, CKA1.
Asynchronous Clocks 0 and 1 (bi-directional,
active High). These pins are the transmit and receive
clocks for the synchronous channels. CKA0 is multiplexed
with /DREQ0 on the CKA0//DREQ0 pin. CKA1 is multiplexed
with /TEND0 on the CKA1//TEND0 pin.
CKS.
Serial Clock (bi-directional, active High). This line is
clock for the CSIO channel and is multiplexed with the
ESCC signal (/W//REQB) and the 16550 MIMIC interface
signal /HTxRDY on the CKS//W//REQB//HTxRDY pin.
/DCD0.
Data Carrier Detect 0 (input, active Low). This is a
programmable modem control signal for ASCI channel 0.
/DCD0 is multiplexed with the PB2 (parallel Port B, bit 2) on
the /DCD0/PB2 pin.
/RTS0.
Request to Send 0 (output, active Low). This is a
programmable modem control signal for ASCI channel 0.
This pin is multiplexed with PB0 (parallel Port B, bit 0) on the
/RTS0/PB0 pin.
/CTS0.
Clear to Send 0 (input, active Low). This line is a
modem control signal for the ASCI channel 0. This pin is
multiplexed with PB1 (parallel Port B, bit 1) on the /CTS0
/PB1 pin.
TxA0.
Transmit Data 0 (output, active High). This signal is
the transmitted data from the ASCI channel 0. This pin is
multiplexed with PB3 (parallel Port B, bit 3) on the
TxA0/PB3 pin.
TxS.
Clocked Serial Transmit Data (output, active High).
This line is the transmitted data from the CSIO channel. TxS
is multiplexed with the ESCC signal (/DTR//REQB) and the
16550 MIMIC interface signal HINTR on the TxS//DTR
//REQB//HINTR pin.
RxA0.
Receive Data 0 (input, active High). This signal is
the receive data to ASCI channel 0. This pin is multiplexed
with PB4 (parallel Port B, bit 4) on the RxA0/PB4.
RxS.
Clocked Serial Receive Data (input, active High).
This line is the receive data for the CSIO channel. RxS is
multiplexed with the /CTS1 signal for ASCI channel 1 and
with PB7 (parallel Port B, bit 7) on the RxS//CTS1/PB7 pin.
RxA1.
Received Data ASCI channel 1 (input, active High).
This pin is multiplexed with PB6 (parallel Port B, bit 6) on the
RxA1/PB6 pin.
TxA1.
Transmitted Data ASCI Channel 1 (output, active
High). This pin is multiplexed with PB5 (parallel Port B, bit
5) on the TxA1/PB5 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com