Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 62 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 62 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 58Page - Zilog, Inc. Z8018233FSC Datasheet HTML 59Page - Zilog, Inc. Z8018233FSC Datasheet HTML 60Page - Zilog, Inc. Z8018233FSC Datasheet HTML 61Page - Zilog, Inc. Z8018233FSC Datasheet HTML 62Page - Zilog, Inc. Z8018233FSC Datasheet HTML 63Page - Zilog, Inc. Z8018233FSC Datasheet HTML 64Page - Zilog, Inc. Z8018233FSC Datasheet HTML 65Page - Zilog, Inc. Z8018233FSC Datasheet HTML 66Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
3-62
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
INTERRUPT EDGE/PIN MUX REGISTER (Continued)
Bit 0. Programming this bit to 1 selects a 16 cycle wait
delay on recovery from HALT. Halt Recovery is disabled if
bit 5 of the enhancement register is set to 1. A 0 selects no
wait delay on Halt recovery.
If Halt Recovery is selected, the following pins assume the
following states during halt and during the recovery, whether
it is in HALT, SLP, IDLE or STBY Modes:
Address
= Z
Data Bus
= Z
RD
= Z
WR
= Z
MREQ/MRD
= Z
M1
= 1
ST
= 1
IORQ
= 1
BUSACK
= 1
RFSH
= 1
E
= Note 3
IOCS
= Z
MWR
= 1
(Note 4)
Notes:
1. This assumes that BUSREQ is not activated during the
halt.
2. This assumes that the refresh is not enabled. This would
not be a logical case since the address bus is tri-stated
during the Halt mode.
3. There is no control on the E line during the halt recovery
so transitions on the pin are possible.
4. This is only true if MWR function is enabled.
The Halt recovery mode is implemented by applying wait
states to the next CPU operation following the exit from
halt. All signals listed above are forced to their specified
state (unless otherwise noted) during halt and also during
the recovery state. Sixteen cycles after the halt pin goes
High the signals are released to their normal state, then
eight wait states are inserted to allow proper access to
accommodate slow memories.
After the first memory access, the wait states will be
inserted as programmed in the wait state generators.
In addition, if bit 4 of the Z80182 Enhancement Register is
set, the TxDA pin will be tri-stated during Halt and Recovery
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com