Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 67 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 67 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 63Page - Zilog, Inc. Z8018233FSC Datasheet HTML 64Page - Zilog, Inc. Z8018233FSC Datasheet HTML 65Page - Zilog, Inc. Z8018233FSC Datasheet HTML 66Page - Zilog, Inc. Z8018233FSC Datasheet HTML 67Page - Zilog, Inc. Z8018233FSC Datasheet HTML 68Page - Zilog, Inc. Z8018233FSC Datasheet HTML 69Page - Zilog, Inc. Z8018233FSC Datasheet HTML 70Page - Zilog, Inc. Z8018233FSC Datasheet HTML 71Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 109 page
background image
3-67
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Bit 0 16450 MIMIC Mode Enable
(Reset value=0) This bit = 1 will force the mimic into 16450
mode. Bit 0 in the FCR reg is forced to zero as well as the
mimic internal FIFO enable. When used, this bit should be
programmed at MIMIC initialization and not modified
afterwards.
1
111111
1
D7
D6
D5
D4
D3
D2
D1
D0
Rec Timeout Constant
Figure 65. Receive Timeout Timer Constant
(Z180 MPU Read/Write, Address xxEAH)
This register contains an 8-bit constant for emulation of the
16550 four character timeout feature. Software must
determine the value to load into this register based on the
bit rate and word length specified by the MIMIC interface
with the PC. This timer receives its input from the /TRxCB
Clock of the ESCC. This timer is enabled to down count
when the enable bit in the FSR register is set and the trigger
level interrupt has not been activated on the RCVR FIFO.
The counter reloads and counts down each time there is
a read or write to the RCVR FIFO.
The receive timeout timer is enhanced to emulate the
actual 16550 when bit 1 of the FIFO status and control
register is enabled. Under most circumstances, this register
should be programmed for four character timers (40d,
8-N-1).
1
1
11111
1
D7
D6
D5
D4
D3
D2
D1
D0
Transmitter Time Constant
Figure 66. Transmit Timeout Timer Constant
(Z180 MPU Read/Write, Address xxEBH)
This register contains an 8-bit constant for determining the
interval for the Transmit Timeout Timer. If allowed to
decrement to zero, this timer interrupts the MPU by setting
the THR bit in the IUS/IP register. This timer receives its
input from the /TRxCB Clock of the SCC. The timer is
enabled to down count when the enable bit in the FSR
register is set and the trigger level has not been reached
on the XMIT FIFO. The counter reloads each time there is
a read or write to the XMIT FIFO.
Transmit And Receive Timers
Because of the speed at which data transfers can take
place between the Z180MPU and the PC/XT/AT, two
timers have been added to alleviate any software problems
that a high speed parallel data transfer might cause. These
timers allow the programmer to slow down the data transfer
just as if the 16550 MIMIC interface had to shift the data in
and out serially. The Timers receive their input from the
/TRxCB Clock since, in 16550 MIMIC mode, the ESCC
channel B is disabled. For example, the clock source for
the 8-bit registers: RTTC (Receive Timeout Time Constant,
xxEAH), TTTC (Transmit Timeout Time Constant, xxEBH),
TTCR (Transmit Time Constant Register, xxFAH) and
RTCR (Receive Time Constant Register, xxFBH) uses the
/TRxCB Clock output. The /TRxCB Clock output needs to
be generated by the ESCC’s channel B's 16-bit BRG as its
clock source, thus allowing the programmer to access a
total of 24 bits as a timer to slow down the data transfer.
In most cases, ESCC Ch. B BRG should be programmed
to output at a frequency equivalent to the desired serial
transfer rate. The output of the BRG should be routed to the
/TRxCB pin.
1
1
11111
1
D7
D6
D5
D4
D3
D2
D1
D0
XMIT Timeout Constant
Figure 67. Transmitter Time Constant Register
(Z180 MPU Read/Write, Address xxFAH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com